Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIT4096IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4096IPWR
Description  96kHz Digital Audio Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIT4096IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIT4096IPWR Datasheet HTML 8Page - Texas Instruments DIT4096IPWR Datasheet HTML 9Page - Texas Instruments DIT4096IPWR Datasheet HTML 10Page - Texas Instruments DIT4096IPWR Datasheet HTML 11Page - Texas Instruments DIT4096IPWR Datasheet HTML 12Page - Texas Instruments DIT4096IPWR Datasheet HTML 13Page - Texas Instruments DIT4096IPWR Datasheet HTML 14Page - Texas Instruments DIT4096IPWR Datasheet HTML 15Page - Texas Instruments DIT4096IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DIT4096
12
SBOS225A
www.ti.com
CONTROL REGISTER DEFINITIONS
(SOFTWARE MODE ONLY)
This section defines the control registers used to configure
the DIT4096, as well as the status register used to indicate
an interrupt source.
When MONO = 1 and MCSD = 0, the MDAT bit
is used to select the source for Audio data.
When MONO = 1 and MCSD = 1, the MDAT bit
is used to select the source for both Audio and
Channel Status data.
MCSD
Channel Status Data Selection (Defaults to 0)
When set to 0, Channel A data is used for the A
sub-frame, while Channel B data is used for the
B sub-frame.
When set to 1, use the same channel status data
for both A and B sub-frames. Channel status
data source is selected using the MDAT bit.
TXOFF
Transmitter Output Disable (Defaults to 0)
When set to 0, the line driver outputs, TX–
(pin 17) and TX+ (pin 18) are enabled.
When set to 1, the line driver outputs are
forced to ground.
MUTE
Transmitter Mute (Defaults to 0)
When set to 0, the mute function is disabled.
When set to 1, the mute function is enabled,
with Channel A and B audio data set to all 0’s.
BYPASS
Transmitter Bypass—AES-3 Data Source for
the Output Driver (Defaults to 0)
When set to 0, AES-3 encoded data is taken
from the output of the on-chip encoder.
When set to 1, RXP (pin 9) is used as the
source for AES-3 encoded data.
MONO
Mono Mode Control (Defaults to 0)
When set to 0, the transmitter is set to Stereo
mode.
When set to 1, the transmitter is set to Mono
mode.
MDAT
Data Selection Bit (Defaults to 0)
(0 = Left Channel, 1 = Right Channel)
When MONO = 0 and MCSD = 0, the MDAT bit
is ignored.
When MONO = 0 and MCSD = 1, the MDAT bit
is used to select the source for Channel
Status data.
PDN
Power-Down (Defaults to 1)
When set to 0, the DIT4096 operates normally.
When set to 1, the DIT4096 is powered down,
with the line driver outputs forced to ground.
CLK[1:0]
MCLK Rate Selection
These bits are used to select the master clock
frequency applied to the MCLK input (pin 6).
CLK1
CLK0
MCLK Rate
0
0
Unused
0
1
256 • fS (default)
1
0
384 • fS
1
1
512 • fS
RST
Software Reset (Defaults to 0)
When set to 0, the DIT4096 operates normally.
When set to 1, the DIT4096 is reset.
M/S
Master/Slave Mode (Defaults to 0)
When set to 0, the audio serial port is set for
Slave operation.
When set to 1, the audio serial port is set for
Master operation.
BLSM
Block Start Mode (Defaults to 0)
When set to 0, BLS (pin 25) is configured as an
input pin.
When set to 1, BLS (pin 25) is configured as an
output pin.
VAL
Audio Data Valid (Defaults to 0)
When set to 0, valid Linear PCM audio data is
indicated.
When set to 1, invalid audio data or non-PCM
data is indicated.
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
RST
CLK1
CLK0
PDN
Register 02H: Power-Down and Clock Control Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
ISYNC
ISCLK
DELAY
JUS
WLEN1
WLEN0
SCLKR
M/S
Register 03H: Audio Serial Port Control Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TXOFF
MCSD
MDAT
MONO
BYPAS
MUTE
VAL
BLSM
Register 01H: Transmitter Control Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
00
00
0
Register 00H: Reserved for Factory Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com