Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9301 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DM9301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
22
Preliminary
Version: DM9301-DS-F02
May 8, 2000
Ordering Information
Part Number
Pin Count
Package
DM9301F
100
QFP
Disclaimer
The information appearing in this publication is believed to
be accurate. Integrated circuits sold by DAVICOM
Semiconductor are covered by the warranty and patent
indemnification provisions stipulated in the terms of sale
only. DAVICOM makes no warranty, express, statutory,
implied or by description regarding the information in this
publication or regarding the information in this publication or
regarding the freedom of the described chip(s) from patent
infringement. FURTHER, DAVICOM MAKES NO
WARRANTY OF MERCHANTABILITY OR FITNESS FOR
ANY PURPOSE. DAVICOM reserves the right to halt
production or alter the specifications and prices at any time
without notice. Accordingly, the reader is cautioned to verify
that the data sheets and other information in this publication
are current before placing orders. Products described
herein are intended for use in normal commercial
applications. Applications involving unusual environmental
or reliability requirements, e.g. military equipment or medical
life support equipment, are specifically not recommended
without additional processing by DAVICOM for such
applications. Please note that application circuits illustrated
in this document are for reference purposes only.
DAVICOM ‘s terms and conditions printed on the order
acknowledgment govern all sales by DAVICOM. DAVICOM
will not be bound by any terms inconsistent with these
unless DAVICOM agrees otherwise in writing. Acceptance
of the buyer’s orders shall be based on these terms.
Company Overview
DAVICOM Semiconductor, Inc. develops and manufactures
integrated circuits for integration into data communication
products. Our mission is to design and produce IC products
that are the industry’s best value for Data, Audio, Video, and
Internet/Intranet applications. To achieve this goal, we have
built an organization that is able to develop chipsets in
response to the evolving technology requirements of our
customers while still delivering products that meet their cost
requirements.
Products
We offer only products that satisfy high performance
requirements and which are compatible with major
hardware and software standards. Our currently available
and soon to be released products are based on our
proprietary designs and deliver high quality, high
performance chipsets that comply with modem
communication standards and Ethernet networking
standards.
Contact Windows
For additional information about DAVICOM products, contact the sales department at:
Headquarters
Hsin-chu Office:
3F, No. 7-2, Industry E. Rd., IX,
Science-based Park,
Hsin-chu City, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5798858
Taipei Sales & Marketing Office:
8F, No. 3, Lane 235, Bao-chiao Rd.,
Hsin-tien City, Taipei, Taiwan, R.O.C.
TEL: 02-29153030
FAX: 02-29157575
Email: sales@davicom.com.tw
Davicom USA
Sunnyvale, California
1135 Kern Ave., Sunnyvale,
CA94086, U.S.A.
TEL: 1-408-7368600
FAX: 1-408-7368688
Email: sales@davicom8.com
WARNING
Conditions beyond those listed for the absolute maximum may destroy or damage the products. In addition, conditions for sustained periods at near the
limits of the operating ranges will stress and may temporarily (and permanently) affect and damage structure, performance and/or function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com