Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575T-15 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575T-15
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-15 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2575T-15 Datasheet HTML 1Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 2Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 3Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 4Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 5Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Connection Diagrams (XX indicates output voltage option. See Ordering Information table for complete part
number.) (Continued)
16–Lead DIP (N or J)
24-Lead Surface Mount (M)
01147525
*No Internal Connection
Top View
LM2575N-XX or LM2575HVN-XX
See NS Package Number N16A
LM1575J-XX-QML
See NS Package Number J16A
01147526
*No Internal Connection
Top View
LM2575M-XX or LM2575HVM-XX
See NS Package Number M24B
TO-263(S)
5-Lead Surface-Mount Package
01147529
Top View
01147530
Side View
LM2575S-XX or LM2575HVS-XX
See NS Package Number TS5B
Ordering Information
Package
NSC
Standard
High
Temperature
Type
Package
Voltage Rating
Voltage Rating
Range
Number
(40V)
(60V)
5-Lead TO-220
T05A
LM2575T-3.3
LM2575HVT-3.3
Straight Leads
LM2575T-5.0
LM2575HVT-5.0
LM2575T-12
LM2575HVT-12
LM2575T-15
LM2575HVT-15
LM2575T-ADJ
LM2575HVT-ADJ
5-Lead TO-220
T05D
LM2575T-3.3 Flow LB03
LM2575HVT-3.3 Flow LB03
Bent and
LM2575T-5.0 Flow LB03
LM2575HVT-5.0 Flow LB03
Staggered Leads
LM2575T-12 Flow LB03
LM2575HVT-12 Flow LB03
LM2575T-15 Flow LB03
LM2575HVT-15 Flow LB03
LM2575T-ADJ Flow LB03
LM2575HVT-ADJ Flow LB03
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com