Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFE-SA Datasheet(PDF) 2 Page - TDK Electronics

Part # PFE-SA
Description  300-1008W AC-DC Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PFE-SA Datasheet(HTML) 2 Page - TDK Electronics

  PFE-SA Datasheet HTML 1Page - TDK Electronics PFE-SA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
115
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B6: Aug 2016
PFE-SA,PFE500-F&PFE1000-FA
For Additional Information, please visit
us.tdk-lambda.com/lp/products/pfea-series.htm
PFE500SA Outline Drawing
PFE500SA Basic connection
PFE500F Outline Drawing
MADE IN MALAYSIA
INPUT : 100-240VAC
6A 50-60Hz
AC-DC
PFE500SA-48
ENA
TRIM
+S
-S
-V
)
L
(
C
AV
+
AC (N)
R+BC
-BC
OUTPUT :
48V
10.5A
111.8±0.5
122.0±0.5
5.26
15.0
15.0
54.12
3.7
See note A
See note C
See note D
See note B
See note E
2.54
Lot No. seal
L
C
6 095
6 095
N
E N
E
0
0
-V
+V
+S
TRIM
IOG
ENA
COM
-S
PC
+ON/OFF
AUX
-ON/OFF
INPUT:100-240VAC 8A
OUTPUT:48V
10.5A
50/60Hz
-BC
+BC
AC-DC
BAR CODE
PFE500F-48
AC (N)
AC (L)
R
MADE IN JAPAN
R
+BC
-BC
COM
ENA
IOG
TRIM
+S
-S
PC
+ON/OFF
-ON/OFF
AUX
-V
+V
AC(N)
AC(L)
Heatsink
Size (mm)
PFE Module
HAF-10L
116.8 x 25.4 x 61
PFE300/500SA
HAF-15L
116.8 x 38.1 x 61
PFE300/500SA
HAF-15T
116.8 x 38.1 x 61
PFE300/500SA
HAL-F12T
122 x 35 x 69.9
PFE500F
HAM-F10T
160 x 33.4 x 100
PFE1000F/FA
Suffix
Description
Blank
M3 tapped mounting inserts (4)
/T
3.3mm non-threaded inserts (4)
Heatsink Table
Options
Specifications
Output
Adjust.
Maximum
Maximum
Load
Line
Efficiency
Model
Voltage (V)
Range (V)
Current (A)
Wattage (W)
Reg. (mV)
Reg. (mV)
typ (5)
PFE300SA-12
12
9.6 - 14.4
25
300
48
48
84 / 86
PFE500SA-12
12
9.6 - 14.4
33
396
48
48
84 / 86
PFE500F-12
12
9.6 - 14.4
42
504
48
48
81 / 83
PFE1000F-12
12
9.6 - 14.4
60
720
48
48
80 / 82
PFE1000FA-12
12
9.6 - 14.4
60
720
48
48
84.5 / 87
PFE300SA-28
28
22.4 - 33.6
10.8
302
56
56
87.5 / 89.5
PFE500SA-28
28
22.4 - 33.6
18
504
56
56
88 / 90
PFE500F-28
28
22.4 - 33.6
18
504
56
56
84 / 86
PFE1000F-28
28
22.4 - 33.6
36
1008
56
56
84 / 86
PFE1000FA-28
28
22.4 - 33.6
36
1008
56
56
87 / 89.5
PFE300SA-48
48
38.4 - 57.6
6.3
302
96
96
88 / 90.5
PFE500SA-48
48
38.4 - 57.6
10.5
504
96
96
90 / 91
PFE500F-48
48
38.4 - 57.6
10.5
504
96
96
84 / 86
PFE1000F-48
48
38.4 - 57.6
21
1008
96
96
84 / 86
PFE1000FA-48
48
38.4 - 57.6
21
1008
96
96
88 / 90.5
PFE700SA-48
51
None
14
714
50 - 57V (6)
90 / 92
(5) 115 / 230VAC (100/230VAC for PFE500F & PFE1000F)
(6) Total regulation range
Last time buy March 1, 2017, use PFE1000FA as a replacement



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com