Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM149 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM149
Description  Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM149 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM149 Datasheet HTML 1Page - National Semiconductor (TI) LM149 Datasheet HTML 2Page - National Semiconductor (TI) LM149 Datasheet HTML 3Page - National Semiconductor (TI) LM149 Datasheet HTML 4Page - National Semiconductor (TI) LM149 Datasheet HTML 5Page - National Semiconductor (TI) LM149 Datasheet HTML 6Page - National Semiconductor (TI) LM149 Datasheet HTML 7Page - National Semiconductor (TI) LM149 Datasheet HTML 8Page - National Semiconductor (TI) LM149 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM148
LM248
LM348
Supply Voltage
±22V
±18V
±18V
Differential Input Voltage
±44V
±36V
±36V
Output Short Circuit Duration (Note 1)
Continuous
Continuous
Continuous
Power Dissipation (P
d at 25˚C) and
Thermal Resistance (
θ
jA), (Note 2)
Molded DIP (N) P
d
—
—
750 mW
θ
jA
—
—
100˚C/W
Cavity DIP (J) P
d
1100 mW
800 mW
700 mW
θ
JA
110˚C/W
110˚C/W
110˚C/W
Maximum Junction Temperature (T
jMAX)
150˚C
110˚C
100˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
−25˚C
≤ T
A
≤ +85˚C
0˚C
≤ T
A
≤ +70˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.) Ceramic
300˚C
300˚C
300˚C
Lead Temperature (Soldering, 10 sec.) Plastic
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface
mount
devices.
ESD tolerance (Note 5)
500V
500V
500V
Electrical Characteristics
(Note 3)
Parameter
Conditions
LM148
LM248
LM348
Units
Min
Typ Max Min
Typ Max Min
Typ Max
Input Offset Voltage
T
A = 25˚C, RS
≤ 10 kΩ
1.0
5.0
1.0
6.0
1.0
6.0
mV
Input Offset Current
T
A = 25˚C
4
25
4
50
4
50
nA
Input Bias Current
T
A = 25˚C
30
100
30
200
30
200
nA
Input Resistance
T
A = 25˚C
0.8
2.5
0.8
2.5
0.8
2.5
M
Ω
Supply Current All Amplifiers
T
A = 25˚C, VS = ±15V
2.4
3.6
2.4
4.5
2.4
4.5
mA
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
160
25
160
25
160
V/mV
V
OUT = ±10V, RL
≥ 2kΩ
Amplifier to Amplifier
T
A = 25˚C,f=1Hzto20kHz
Coupling
(Input Referred) See Crosstalk
−120
−120
−120
dB
Test Circuit
Small Signal Bandwidth
T
A = 25˚C,
LM148 Series
1.0
1.0
1.0
MHz
Phase Margin
T
A = 25˚C,
LM148 Series (A
V =1)
60
60
60
degrees
Slew Rate
T
A = 25˚C,
LM148 Series (A
V =1)
0.5
0.5
0.5
V/µs
Output Short Circuit Current
T
A = 25˚C
25
25
25
mA
Input Offset Voltage
R
S
≤ 10 kΩ
6.0
7.5
7.5
mV
Input Offset Current
75
125
100
nA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com