Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPS44-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NPS44-M
Description  Total Power: 40 - 60 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NPS44-M Datasheet(HTML) 3 Page - Artesyn Technologies

  NPS44-M Datasheet HTML 1Page - Artesyn Technologies NPS44-M Datasheet HTML 2Page - Artesyn Technologies NPS44-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPS40-M Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
NPS40-M DS 21Mar2016
Ordering Information
Model Number Output Voltage Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
200LFM Forced Air
Peak Load1 Regulation2
Ripple
P/P (PARD)3
NPS42-M
5 V
0 A
8 A
11 A
13 A
± 2%
50 mV
NPS43-M
12 V
0 A
3.75 A
5 A
5.5 A
± 2%
120 mV
NPS44-M
15 V
0 A
3 A
4 A
4.4 A
± 2%
150 mV
NPS45-M
24 V
0 A
1.9 A
2.5 A
2.75 A
± 2%
240 mV
NPS48-M
48 V
0 A
0.94 A
1.25 A
1.38 A
± 2%
480 mV
Pin Assignments
Connector
NPS42-M
NPS43-M
NPS44-M
NPS45-M
NPS48-M
SK1-1
Line
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
Neutral
CN1
Ground
Ground
Ground
Ground
Ground
SK2-1
+5 V
+12 V
+15 V
+24 V
+48 V
SK2-2
+5 V
+12 V
+15 V
+24 V
+48 V
SK2-3
Common
Common
Common
Common
Common
SK2-4
Common
Common
Common
Common
Common
SK2-5
-Sense
-Sense
-Sense
-Sense
-Sense
SK2-6
+Sense
+Sense
+Sense
+Sense
+Sense
Mating Connectors
AC Input
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-52-0113
DC Outputs
Molex 09-50-8061 (USA)
09-93-0600 (UK)
PINS: 08-52-0113
Artesyn Embedded Technologies Connector Kit #70-841-006, includes
all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI
purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115
VAC input, 25 °C unless otherwise stated.
6. For DC input an external DC safety rated fuse must be used
7. Warranty: 2 year
8. Weight: 0.26lbs/0.118kg
1. Peak current lasting < 15 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as
a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and System
Integrators, including through Distribution Channels. It is not intended for sale to End Users.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com