Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP40-76T366J Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP40-76T366J
Description  Single, Dual and Triple Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP40-76T366J Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP40-76T366J Datasheet HTML 1Page - Artesyn Technologies NLP40-76T366J Datasheet HTML 2Page - Artesyn Technologies NLP40-76T366J Datasheet HTML 3Page - Artesyn Technologies NLP40-76T366J Datasheet HTML 4Page - Artesyn Technologies NLP40-76T366J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NLP40 Series Data Sheet
EMC Charateristics (10)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 3
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
General Specifications
Hold-up time
120 Vac
230 Vac
12 ms @ 40 W
20 ms @ 40 W
Efficiency
75% typical
Isolation voltage
Input/output
Input/chassis
3000 Vac
1500 Vac
Switching frequency
Fixed
65 kHz, ±5 kHz
Approvals and standards
(See Note 8)
UL, CSA VDE 60950, IEC950, UL1950
VDE0805, CSA C22.2 No. 950
Weight
200 g (7.06 oz)
MTBF demonstrated
MIL-HDBK-217F
150,000 hours min.
Environmental Specifications
Thermal performance
Operating ambient (see derating curve)
0° C to +70 °C
(See Notes 6, 7, 9)
Non-operating
-40 °C to +70 °C
50 °C to 70 °C ambient, convection cooled
Derate to 50% load
0 °C to 50 °C ambient, convection cooled
40 W
0 °C to 50 °C ambient, 20 CFM forced air
50 W
Peak (0 °C to +50 °C, 60 s)
(See Note 2)
Relative humidity
Non-condensing
5 to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 4):
5-500 Hz
2.4 G rms peak
Shock
Per MIL-STD-810E
516.4 Part IV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com