| Electronic Components Datasheet Search |
|
TC72-3.3MMFTR Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-3.3MMFTR Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 28 page ![]() © 2011 Microchip Technology Inc. DS21743B-page 13 TC72 TABLE 4-3: OPERATIONAL MODES 4.4 Read Operation The TC72 uses the CE, SCK and SDO lines to output the Temperature and Control register data. Figure 4-3 shows a timing diagram of the read operation. Communication is initiated by the chip enable (CE) going high. The SDO line remains at the voltage level of the LSb bit that is output and goes to the tri-state level when the CE line goes to a logic low level. 4.5 Write Operation Data is clocked into the Control register in order to enable TC72’s power saving shutdown mode. The write operation is shown in Figure 4-3 and is accomplished using the CE, SCK and SDI lines. FIGURE 4-2: Serial Clock Polarity (CP) Operation. Mode CE SCK (Note 1)SDI SDO Disable L Input Disabled Input Disabled High Z Write (A7 = 1)H CP=1, Data Shifted on Falling Edge, Data Clocked on Rising Edge Data Bit Latch High Z CP=0, Data Shifted on Rising Edge, Data Clocked on Falling Edge Read (A7 = 0)H CP=1, Data Shifted on Falling Edge, Data Clocked on Rising Edge X Next data bit shift, Note 2 CP=0, Data Shifted on Rising Edge, Data Clocked on Falling Edge Note 1: CP is the Clock Polarity of the microcontroller system clock. If the inactive state of SCK is logic level high, CP is equal to ‘1’; otherwise, if the inactive state of SCK is low, CP is equal to ‘0’. 2: During a Read operation, SDO remains at a high impedance (High Z) level until the eight bits of data begin to be shifted out of the Temperature register. SHIFT EDGE CLOCK EDGE SHIFT EDGE CLOCK EDGE SCK CE CE SCK CP = 0 CP = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |