Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-858 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-858
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-858 Datasheet(HTML) 2 Page - Copal Electronics

  PA-858_16 Datasheet HTML 1Page - Copal Electronics PA-858_16 Datasheet HTML 2Page - Copal Electronics PA-858_16 Datasheet HTML 3Page - Copal Electronics PA-858_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pressure reference
Gauge
Absolute
0 ~ 100
0 ~ 350
0 ~ 1000
0 ~
− 100
− 100 ~ 300
0 ~100
kPa
Rated pressure range
R2 (R 1/4)
GF (G 3/8)
G2 (G 1/4)
■ LIST OF MODEL NUMBERS
PA-858-102G-R2
PA-858-352G-R2
PA-858-103G-R2
PA-858-102V-R2
PA-858-302R-R2
PA-858-102A-R2
PA-858-102A-GF
PA-858-102G-GF
PA-858-352G-GF
PA-858-103G-GF
PA-858-102V-GF
PA-858-302R-GF
PA-858-102G-G2
PA-858-352G-G2
PA-858-103G-G2
PA-858-102V-G2
PA-858-302R-G2
PA-858-102A-G2
Fitting
PA-858
PRESSURE TRANSDUCERS WITH AMP.
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Dielectric strength
Sealed liquid
Pressure port
Net weight
Protection grade
Model
number
PA-858
102G
352G
103G
102V
302R
102A
Gauge
Absolute
100
350
1000
− 100
− 100 ~ 300
100 (abs)
200
700
2000
200
600
200 (abs)
300
1050
3000
300
900
300 (abs)
Corrosive gases/liquids compatible with SUS 316L
R2 : Approx. 165, GF : Approx. 180, G2 : Approx. 170
IP65
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
Silicone oil
R 1/4、G 3/8(Flash diaphragm)
、G 1/4 ※1
※1 : An “O” ring provided. (G 3/8 : P18, G 1/4 : P15)
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 70
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
g
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 24 V DC, load resistance of 250 Ω.
Supply voltage
24
± 10 %(Including ripple percentage)
V DC
※ Verify the above model numbers when placing orders.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com