Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC12E Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12E
Description  Insulated shaft type with a wide variety of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12E Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  EC12E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC12E Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC12E Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
264
List of Varieties
Encoders
Type
Insulated shaft
Hollow shaft
12mm size
18mm size
5mm size
10mm size
Series
EC12E
EC12D
EC18A
EC05E
EC10E
Photo
Output
Incremental(Two phase A and B )
Absolute type
Incremental(Two phase A and B )
Shaft types
Single-shaft
Hollow shaft
Operating direction
Vertical
Vertical Horizontal
Horizontal
Number of pulse /
Number of detent
12 / 12
24 / 24
24 / Without
15 / 30
12 positions
16 positions
12 / 12
12 / 24
12 / 12
Features
—
With push-on switch
Water resisting
performance(IPX7)
Surface
mount type
—
Dimensions
(mm)
W
12.4
12.5
18.8
5.7
7.5
9.8
D
13.2
11.7
18
6
3.3
4.4
H
5
8.75
2.7
7.25
10.6 / 12.6 / 14.6
Operating temperature range
−10℃ to +70℃
−40℃ to +85℃
—20℃ to +60℃
−30℃ to + 85℃
−5℃ to + 45℃
−30℃ to + 85℃(For Automotive)
Operating life
15,000 cycles
30,000 cycles
30,000 cycles
100,000 cycles
Automotive use
—
●
—
—
○
Life cycle (availability)
Electrical
performance
Rating
0.5mA 5V DC
1mA 5V DC
1mA 10V DC
0.55mA 5.5V DC
1mA 5V DC
Max./min. operating
current(Resistive load)
5mA / 0.5mA
10mA / 1mA
—
0.55mA / −
—
Insulation resistance
10MΩ min.
50V DC
100MΩ min.
250V DC
10MΩ min. 250V DC
50MΩ min. 50V DC
Voltage proof
50V AC for
1 minute
300V AC for 1 minute
or 360V AC for 1s
50V AC for 1 minute
or 60V AC for 2s
50V AC for 1 minute
Mechanical
performance
Rotational torque
(Without detent)
10mN・m max.
25±15mN・m
40±15mN・m
—
—
—
—
Detent torque
3±2mN・m
3 to 20mN・m
5±3mN・m
10±5mN・m
60±20mN・m
1.6±1.3mN・m
5±3mN・m
6±3mN・m
Push-pull
strength
80N
100N
Push 100N /
pull 50N
—
Shaft configuration
Flat, Hollow Shaft
Flat
Hollow shaft
Terminal type
Insertion
Reflow
Insertion
Switch
Specifications
Switch type
—
Push-on switch
—
—
—
Contact
arrangement
—
Single pole and
single throw(Push-on)
—
—
—
Travel(mm)
—
0.5±0.3
—
—
—
Operating force
(N)
—
3
+ 1.5
−1
6
+ 2.5
− 2
—
—
—
Rating
—
1mA 5V DC
(10mA 5V DC max. ratings)
—
—
—
Contact
resistance
—
100m Ω max. for initial period;
200m Ω max. after
operating life.
—
—
—
Operating life
—
30,000 times
—
—
—
Page
287
291
293
295
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Notes
1. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. ● Indicates applicability to all products in the series, while ○ indicates applicability to some products in the series.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com