Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA1 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # BA1
Description  0.8mm Pitch Board-to-Board Factory Automation Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BA1 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  BA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB-0218-1
4/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are made for
the applications listed below. However, if the above-
mentioned products are to be used in aerospace
devices, marine cable-connection devices, atomic
power control systems, medical equipment for life-
support systems, or any other specific application
requiring extremely high reliability, please contact
JAE for further information.
Recommended applications: computers, office
machines, measuring devices, telecommunication
devices (terminals, mobile devices), AV devices,
household applications, FA devices, etc.
* The specifications in this brochure are subject to change without notice. Please contact JAE for
information.
SJ Drawing No.
SJ110310
BA1S120WC1R500 (Socket side, reel product)
SJ110264
BA1S120WC1 (Socket side, individual product) *Note
SJ110309
BA1P120HC1R500 (Pin side, reel product)
JACS -10667
SJ110263
BA1P120HC1 (Pin side, individual product) *Note
Specification
SJ Drawing No.
Part Number
●
Test Report: SR-C-0961
■
Applicable Dimensions for Board (for reference)
・
Pin Side (Angle Type)
  
BA1P120HC1
・
Socket Side (Straight Type)
  
BA1S120WC1
Note) Only reel products (500 pcs.) are available for sale.
Please contact us concerning sales of individual products.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com