Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSN1M Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN1M
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN1M Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RSN1M Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
420
Provides a superior operational feel with
high-speed tracking in motor drive mode
Motor-driven Master Type(Motor N Fader, Motor K Fader, Motor V Fader)
RS□□N1□M
RSA0K1□V
RSA0V11M
Other varieties are also available. Refer to "Other Specifications" (P.423).
Note
Refer to P.423 for other specifications.
Refer to P.423 for details of lever types.
Refer to P.424, 425 for ordering products not listed.
Refer to P.426 for soldering conditions.
Product Line
Number of
resistor elements
Single-unit
Travel
(mm)
60
100
Type
Motor N
Fadar
Motor K Fadar
(
CP type)
Motor V
Fadar
ー
10.95
Products No.
RS60N11M9A0E
RS60N11M9A0F
RSA0N11M9A0K
RSA0N11M9A0J
RSA0K11V901S
RSA0V11M9001
Lever
type
9-T
(T-bar)
Length of
lever(mm)
8.2
Total resistance
(kΩ)
10
Resistance
taper
1B
Terminal style
Lead
For PC board
(for auto dipping)
Lead
For PC board
(for auto dipping)
Connector
Touch sense
track
With
Without
Minimum order unit(pcs.)
Japan
Export
200
400
120
240
100
200
80
160
42
80
84
80
Drawing
No.
1
2
3
4
5
6
Packing Specifications
Bulk/Tray
■ Typical Specifications
Items
Specifications
Motor N fader Motor K fader Motor V fader
Total resistance tolerance
±20%
Maximum operating voltage
10V DC, 200V AC(Travel:60mm)
10V DC, 500V AC(Travel:100mm)
Operating force
0.8±0.5N
0.4±0.25N
ー
Operating life
30,000
cycles
300,000
cycles
100,000
cycles
Rated voltage of motor
10V DC
8V DC
Maximum current of motor
800mA or less
(at 10V DC)
625mA or less
(at 5V DC)
Operating temperature range
−10℃ to +60℃
Product No.
Terminal style
Packing specifications
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
RS60N
Lead
Tray
200
400
370×520×270
For PC board
120
240
375×285×393
RSA0N
Lead
100
200
455×578×175
For PC board
80
160
375×285×393
RSA0K
Connector
Bulk
42
84
370×520×201
RSA0V
Tray
80
80
524×344×173


Similar Part No. - RSN1M

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
RSN116800 AMPHENOLPCD-RSN116800 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116810 AMPHENOLPCD-RSN116810 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116820 AMPHENOLPCD-RSN116820 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116825 AMPHENOLPCD-RSN116825 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116890 AMPHENOLPCD-RSN116890 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
More results

Similar Description - RSN1M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK271 ALPS-RK271 Datasheet
814Kb / 6P
High performance potentiometer with excellent operational feel
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
Provides a superior operational feel with high-speed tracking in motor drive mode
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
Black casing provides superior contrast
XNH1ZUR46D SUNLED-XNH1ZUR46D Datasheet
225Kb / 3P
Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
Black casing provides superior contrast
XNN1LUGR86M SUNLED-XNN1LUGR86M Datasheet
244Kb / 3P
Black casing provides superior contrast
XPF2LUY11D SUNLED-XPF2LUY11D Datasheet
246Kb / 3P
Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com