Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ2
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ2 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  CJ2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
77
COAXIAL CONNECTORS
CJ2 Series
■JACK(For Back Plane)
Housing
・Contact
Intermatable with PLUG
(78 Page)
Dimensions in millimeters
■HOUSING
Straight
6 Contacts
Part Number
:CMJ2-6S
JAE
A
4±0.1
8±0.1
12max.
φ3.15±0.1
(4×2)
4±0.1
8±0.1
11.51
3±0.1
9±0.1
φ2.71±0.05
(4×2)
(3×3)
4-R1
17±0.1
20.25 Ref.
■CONTACT
A Ref.
 0
−0.25
11.15
(Note)The picture on the right shows
the CJ2F002D22.
The shapes varies slightly for
the CJ2F001DB1.
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 2.4mm min.)
4±0.05
8±0.1
3±0.1
9±0.1
11.7
+0.2
 0
7-φ1.6
(UNPLATED HOLE)
+0.02
−0.03
BASE LINE
4-R1±0.1
■Part Number/Dimensions
Cable Type(Equivalent)
0.8D-2W
0.085 inch Flexible
Part Number
CJ2F002D22
CJ2F001DB1
A
21 Ref.
22 Ref.
(Note)Procedure for wire connection…See pages 113 to 120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com