Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN10-RB-M-0-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CN10-RB-M-0-R
Description  PUSH-ON COUPLING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CN10-RB-M-0-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CN10-RB-M-0-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CN10-RB-M-0-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
63
COAXIAL CONNECTORS
CN10 Series
■ FREQUENCY RANGE TO 3GHz
■ PUSH-ON COUPLING
CN10 Series
CN10 series connectors are a low cost version designed with
stamped parts. For board to cable application, achieving high
frequency signal transmission and high density packaging inside
equipment.
Applicable frequencies : from DC up to 3GHz. High performance with
a VSWR
(voltage standing wave ratio)of 1.2 or less.
●Push-on coupling, Compact and lightweight.
●Low profile with a mated height of 9 mm or less when a right-angle
plug and a straight receptacle are used.
●Lightweight, compact in size and rugged construction.
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Applications : Automobile Telephones, Communications Equipment,
Measuring Instruments
For the cable application type, harnessed connectors which satisfy
your specification are supplied.
We can also provide connectors and cables other than those listed in
this catalog. For details, please consult us.
■SPECIFICATIONS
Characteristic Impedance
50Ω(Note)
DC to 3GHz
AC200Vr.m.s.(1minute)
500 megohms min.(DC250V)
Center Contacts : 8 milliohms max.
Outer Contacts : 8 milliohms max.
1.2 max.(DC to 3GHz)
0.8D-W, 1.5D-V, 1.5D-W, 2.5D-V
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
PTFE or PFA
Contacts
Insulator
Copper Alloy/Nickel Plated
Body/Shell
(Note)Possible to use 75Ωcable. For details, please consult us.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com