Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD947 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD947
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD947 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD947 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD947 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BD943/945/947
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD943
IC= 30mA ; IB= 0
22
V
BD945
32
BD947
45
VCE(sat)
Collector-Emitter
Saturation Voltage
BD943/945
IC= 2A; IB= 0.2A
0.5
V
BD947
IC= 3A; IB= 0.3A
0.7
VBE(on)
Base-Emitter
On Voltage
BD943/945
IC= 2A; VCE= 1V
1.1
V
BD947
IC= 3A; VCE= 1V
1.3
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB= VCBOmax; IE= 0,TJ=150℃
0.05
1.0
mA
ICEO
Collector
Cutoff Current
BD943
VCE= 15V; IB= 0
0.1
mA
BD945
VCE= 20V; IB= 0
BD947
VCE= 25V; IB= 0
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.2
mA
hFE-1
DC Current Gain
IC= 10mA ; VCE= 5V
25
hFE-2
DC Current Gain
IC= 500mA ; VCE= 1V
85
475
hFE-3
DC Current Gain
BD943/945
IC= 2A ; VCE= 1V
50
BD947
40
hFE-4
DC Current Gain--
Only For BD947
IC= 3A ; VCE= 1V
30
fT
Current-Gain—Bandwidth Product
IC= 250mA ; VCE= 1V
3
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com