Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX4 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX4
Description  USB 2.0 Compatible Micro Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX4 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DX4 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CONNECTOR
NEW
MB-0187-3
December 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/10
COMPONENTS PRODUCT INFORMATION
No. of Contacts: 5 positions
Contact Resistance:
30m ohm max. (initial)
Dielectric Withstanding Voltage:
AC500Vrms per minute
Insulation Resistance: 1000M ohm (initial)
Rated Current: DC1.8A (Vbus, GND)
Others DC0.5A
Rated Voltage: AC30Vrms
Durability: 10,000 mating cycles
Operating temperature:
-30 Deg. C to +80 Deg. C
USB 2.0 Compatible Micro Connectors
On-board Type
Mid-mount Type
The DX4 Series is a set of connectors compatible with the Micro-USB type USB 2.0 for
small devices standardized by the USB Implementers Forum, Inc.
Compatible with Universal Serial Bus Micro-USB Cables and Connectors Specification,
Revision 1.01.
Connector type: USB 2.0 compatible, Micro types
Au plating over Pd-Ni alloy is used for mating cycle durability and long product life.
Superior rigidity with high-strength stainless steel shell.
Available in a variety of versions to suit diverse device configurations.
Two-piece shell structure for mid-mount type to prevent contact failure due to flux
scattering during reflow.
Available in reinforced type, with reinforcement plate set in mating area to prevent
damage from plug caused by misaligned mating. (Refer to drawing below)
Mating Area Reinforced Type
*In the above drawing the shell is transparent for illustration purposes to show the
reinforcement plate.
Reinforcement plate
of mating area
DX4 Series
RoHS Compliant
Features
General Specifications


Similar Part No. - DX4

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DX4-2014-23-1006 DURAKOOL-DX4-2014-23-1006 Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1006-WTL DURAKOOL-DX4-2014-23-1006-WTL Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1012 DURAKOOL-DX4-2014-23-1012 Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1012-WTL DURAKOOL-DX4-2014-23-1012-WTL Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1024 DURAKOOL-DX4-2014-23-1024 Datasheet
4Mb / 8P
Industrial Plug-in Relay
More results

Similar Description - DX4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Assmann Electronics Inc...
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-5 ASSMANN-AK67501-5 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Hirose Electric
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
Micro-USB connectors meeting USB 2.0 Standard
2017.12
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
Micro USB 2.0 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com