Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES9
Description  Improved contact reliability with a 2-point contact structure.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES9 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ES9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0260-2
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
2/6
ES9 P 0 0 * V F 1 (R 1 6 0 0)
No. of Contacts
Connection type
P: Plug side
S: Socket side
Series
Note 1: An embossed tape reel contains 1,600 pieces.
Reeled Product (Note 1)
ES9 S 06K
4 F A
Connection Area Plating
F: Sn plating
Z: None (housing)
Board Connection
V: SMT straight type with hold-down
S: Socket for crimp connection
Series
Connection type
P: Plug side
S: Socket side
Reeled Product (Note 2)
Applicable wire: 22 to 26 AWG
Modification Code
Component
Item
Material and Finish
Plug
(Board side)
Insulator
LCP resin
Contact
Copper alloy / Sn plating
Hold down
Copper alloy / Sn plating over Ni
Socket
(Cable side)
Housing
Nylon resin
Crimp contact
Copper alloy / Sn plating
Materials and Finishes
Ordering Information
Note 2: A carrier tape reel contains 6,000 pieces.
Connection Area Plating
F: Sn plating
Z: None (housing)
Z: Standard product (plug, socket)
1: UL certified product (plug)
A: UL certified product (socket)
Note) Please refer to MB-0264-1 for
standard products.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com