Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQOV-162 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQOV-162
Description  OCXO Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-162 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQOV-162 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-162 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-162 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQOV-162
OCXO Specification
Operating Temperature Ranges
-20 to 70°C
-30 to 75°C
-40 to 85°C
Output Details
Output Compatability
HCMOS/Sinewave
Duty Cycle (HCMOS): 45/55%
Rise/Fall Time (HCMOS): 8ns max
Output Levels (HCMOS):
Low (@ Vs=3.3V, load=15pF): 0.4V max
High (@ Vs=3.3V, load=15pF): 2.4V min
Output Levels (Sinewave):
6dBm min, 10dBm max
Noise Parameters
Phase Noise (@ 10MHz typ):
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-150dBc/Hz @ 1kHz
-150dBc/Hz @ 10kHz
-150dBc/Hz @ 100kHz
-155dBc/Hz @ 1MHz
Phase Noise (@ 100MHz typ):
-85dBc/Hz @ 10Hz
-118dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
-145dBc/Hz @ 100kHz
-150dBc/Hz @ 1MHz
Harmonic Suppression (Sinewave): -30dBc max
Spurious Suppression (Sinewave): -60dBc max
Environmental Parameters
Operable Temperature Range: -40 to 85°C
Storage Temperature Range: -55 to 105°C
ESD Level:
HBM, Class 2: 2000V to 4000V, JEDEC JS-001-2010
Machine Model, Class B: 200V to 400V, JEDEC JS-001-2010
Shock: IEC 60068-2-27, Test Ea, Severity 50A: 50G, 11ms
duration, 1/2 sine wave, 3 times in each of 3 mutually
perpendicular planes
Vibration: IEC 60068-2-06, Test Fc: 10Hz-500Hz, 0.75mm
displacement, 10G acceleration, one cycle per 30mins, 3
times in each of 3 mutually perpendicular planes, test 2hrs
Manufacturing Details
Moisture Sensitivity Level: 2
Maximum Reflow Temperature: 260°C (30secs max)
Ordering Information
Frequency*
Model Option*
Output Type*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
Pulling*
(*minimum required)
Example
10.0MHz IQOV-162-3
HCMOS ±20ppb -40 to 85C 3.3V ±3ppm to ±8ppm
Printed on 26 Apr 16 10:36 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com