Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1
Description  High-Current Connectors for Solar Panel Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  KB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NEW
1/7
COMPONENTS PRODUCT INFORMATION
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
CONNECTOR
MB-0220-1
December 2010
KB1 Series
The KB1 Series are high-current interconnect connectors for solar panel
modules. Just align the connectors, and mating is smoothly completed
with an audible and tactile click. The KB1 Series can be easily
assembled on site because of the small number of parts.
Summary
High-Current Connectors for Solar Panel Module
Connections of Solar Panel
Modules (Reference)
Solar Panel
Module
Pin Connector (-)
Socket Connector (+)
RoHS Compliant
+
-
-
-
+
+
Junction Box


Similar Part No. - KB1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KB1-12-PC-1500 JAE-KB1-12-PC-1500 Datasheet
132Kb / 3P
High-Current connector, for Solar Panel Module, 25 A max, Pin Contact
KB1-12-PC2-2000 JAE-KB1-12-PC2-2000 Datasheet
128Kb / 3P
High-Current connector, for Solar Panel Module, 10 A max, Pin Contact
KB1-12-SC-1500 JAE-KB1-12-SC-1500 Datasheet
137Kb / 3P
High-Current connector, for Solar Panel Module, 25 A max, Socket Contact
KB1-12-SC2-2000 JAE-KB1-12-SC2-2000 Datasheet
133Kb / 3P
High-Current connector, for Solar Panel Module, 10 A max, Socket Contact
logo
List of Unclassifed Man...
KB10 ETC1-KB10 Datasheet
253Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
More results

Similar Description - KB1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSSC2-45P0X22P0 KODENSHI-KSSC2-45P0X22P0 Datasheet
63Kb / 1P
Solar Cell Module
KSSC12-37P5X4P55 KODENSHI-KSSC12-37P5X4P55 Datasheet
66Kb / 1P
Solar Cell Module
logo
Tyco Electronics
CL3803-000 MACOM-CL3803-000 Datasheet
370Kb / 4P
Solar Panel Installation Identification labels
logo
Vishay Siliconix
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
13-Mar-15
logo
Soshin electric Co., Lt...
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
DC 1000VDC For DC line, large solar panel
logo
SparkFun Electronics
PRT-13781 SPARKFUN-PRT-13781 Datasheet
101Kb / 2P
Solar Panel - 2W
4/13/2016
PRT-13782 SPARKFUN-PRT-13782 Datasheet
102Kb / 2P
Solar Panel - 3.5W
4/13/2016
PRT-13783 SPARKFUN-PRT-13783 Datasheet
98Kb / 2P
Solar Panel - 6W
4/13/2016
PRT-13784 SPARKFUN-PRT-13784 Datasheet
96Kb / 2P
Solar Panel - 9W
4/13/2016
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
Solar Panel Charger - 10W
8??1??0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com