Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX44N50Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX44N50Q
Description  HiPer FET Power MOSFETs Q-CLASS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX44N50Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX44N50Q Datasheet HTML 1Page - IXYS Corporation IXFX44N50Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
44N50
44
A
48N50
48
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
44N50
176
A
48N50
192
A
I
AR
T
C
= 25
°C48
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C
2.5
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6
Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250uA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.0
4.0 V
I
GSS
V
GS
=
±20 V, V
DS = 0
±100 nA
I
DSS
V
DS
= V
DSS
100
mA
V
GS = 0 V
T
J = 125°C2 mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
44N50
120 m
W
Note 1
48N50
100 m
W
98612B (7/00)
PLUS 247TM (IXFX)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
HiPerFETTM
Power MOSFETs
Q-CLASS
Single MOSFET Die
N-Channel Enhancement Mode
Avalanche Rated, Low Qg
High dV/dt, Low t
rr
Features
• IXYS advanced low Q
g process
• Low gate charge and capacitances
- easier to drive
- faster switching
• International standard packages
• Low R
DS (on)
• Rated for unclamped Inductive load
switching (UIS) rated
• Molding epoxies meet UL 94 V-0
flammability classification
Applications
• DC-DC converters
• Battery chargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• AC motor control
• Temperatureandlightingcontrols
Advantages
• PLUS 247TMpackage for clip or spring
mounting
• Space savings
• High power density
V
DSS
I
D25
R
DS(on)
IXFK/IXFX 48N50Q 500 V 48 A 100 m
W
IXFK/IXFX 44N50Q 500 V 44 A 120 m
W
t
rr £ 250 ns
IXYS reserves the right to change limits, test conditions, and dimensions.
Preliminary data


Similar Part No. - IXFX44N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N50Q IXYS-IXFX44N50Q Datasheet
581Kb / 4P
HiPerFET Power MOSFETs Q-CLASS
More results

Similar Description - IXFX44N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN120N20 IXYS-IXFN120N20 Datasheet
69Kb / 2P
HiPer FET Power MOSFETs
IXFH75N10Q IXYS-IXFH75N10Q Datasheet
154Kb / 2P
HIPER FET POWER MOSFETS Q CLASS
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
FMD21-05QC IXYS-FMD21-05QC Datasheet
62Kb / 2P
Q-Class Power MOSFETs
IXTQ23N60Q IXYS-IXTQ23N60Q Datasheet
538Kb / 4P
Power MOSFETs Q-Class
logo
International Rectifier
IXTH28N50Q IRF-IXTH28N50Q Datasheet
177Kb / 4P
Power MOSFETs Q-Class
logo
IXYS Corporation
IXFH12N100Q IXYS-IXFH12N100Q Datasheet
146Kb / 4P
HiPerFETTM Power MOSFETs Q Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com