Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSH40N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSH40N60
Description  High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH40N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSH40N60 Datasheet HTML 1Page - IXYS Corporation IXSH40N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
23
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
3700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
280
pF
C
res
80
pF
Q
g
190
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
nC
Q
gc
90
nC
t
d(on)
50
ns
t
ri
50
ns
t
d(off)
110
200
ns
t
fi
120
200
ns
E
off
1.8
2.6
mJ
t
d(on)
55
ns
t
ri
170
ns
E
on
1.7
mJ
t
d(off)
190
ns
t
fi
180
ns
E
off
2.0
mJ
R
thJC
0.45 K/W
R
thCK
(IXSH40N60B)
0.25
K/W
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V,
V
CE = 0.8 VCES, RG = 2.7 W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = 2.7 W
IXSH 40N60B
IXST 40N60B
TO-247 AD (IXSH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com