Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST12 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # ST12
Description  microSDTM Memory Card Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST12 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ST12 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0290-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/5
ST12 S 010 V B A (R1800)
Plating Specification
B: Au / Au flash plating
Connection Type
V: SMT mounting with hold-downs
No. of Contacts
Series
Connector Type
S: Non-ZIF structure
Modification Code
Reel Part Number (Note)
Note) An embossed tape reel contains 1,800 pcs.
Please contact us for details on embossed tape specifications.
Component
Material
Finish
Signal Contact
D-SW Contact
Copper alloy
Contact: Au plating over Ni
Terminal: Au flash plating over Ni
Housing
Synthetic resin
Cover
Stainless steel
Terminal area: Au flash plating over Ni
Eject Bar
Synthetic resin
Lock
Stainless steel
Spring
Stainless steel
Cam Follower
Stainless steel
Materials and Finishes
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com