Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1881K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1881K
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1881K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1881K Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1881K Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
2SC1881K
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA, IB= 0
60
V
V(BR)EBO
Emitter –Base Breakdown Voltage
IC= 50mA, IB= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2.5A ,IB= 20mA
1.2
V
ICBO
Collector Cutoff Current
VCB= 60V, IE= 0
0.2
mA
ICEO
Collector Cutoff Current
VCE= 30V, IB= 0
0.4
mA
hFE-1
DC Current Gain
IC= 1.5A ; VCE= 1.5V
1000
hFE-2
DC Current Gain
IC= 2.5A ; VCE= 1.5V
500
Switching Times
Ton
Turn on time
VCC = 11 V, IC = 2 A,
IB1 = –IB2 = 8 mA
1
μ
s
Toff
Turn off time
5
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com