Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2192 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA2192
Description  4 IN PUT A/V SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2192 Datasheet(HTML) 1 Page - Samsung semiconductor

  KA2192 Datasheet HTML 1Page - Samsung semiconductor KA2192 Datasheet HTML 2Page - Samsung semiconductor KA2192 Datasheet HTML 3Page - Samsung semiconductor KA2192 Datasheet HTML 4Page - Samsung semiconductor KA2192 Datasheet HTML 5Page - Samsung semiconductor KA2192 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KA2192
4 INPUT A/V SWITCH
4 IN PUT A/V SWITCH
The KA2192 is audio/video 4 input switching IC in the video
system for S-VHS(Super-Video Home System).
This device can select audio/video signal of each different
4 kinds input.
This device separates Y(luminance) and C(chroma) for S-VHS.
FUNCTION
• Two input decoder
• Mode selector
• 4 * 1 switch
• Mute switch
• Bias stage
• Gain switch (6dB or 8dB)
• Clamp circuit
• TV polarity switch
• 2 * 1 switch
• Pulse generator
• Switching part for selecting channel
FEATURE
• Indepandent and stable bias block to prohibit cross talk of and source.
• Available the mode output.
• TV polarity switch can select negative and positive video signal to switch conditions.
• Clamp block for stabile video signal.
• Switch for to control signal gain (6dB or 8dB).
• Separation and Processing of Y(luminance) and C(chroma) for S-VHS video.
Device
Package
Operating Temperature
KA2192
30-SDIP-400
-20~+65
°C
30-SDlP-400
ORDERING INFORMATION


Similar Part No. - KA2192

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2195 SAMSUNG-KA2195 Datasheet
84Kb / 7P
RGB ENCODER FOR NTSC
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
RGB ENCODER FOR NTSC
logo
List of Unclassifed Man...
KA2195DTF ETC2-KA2195DTF Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Samsung semiconductor
KA2197 SAMSUNG-KA2197 Datasheet
55Kb / 5P
RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
RGB ENCODER FOR NTSC
More results

Similar Description - KA2192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5002C-CGT ETC-5002C-CGT Datasheet
106Kb / 23P
Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
Triple SCART A/V Switch
logo
Teridian Semiconductor ...
5002R TERIDIAN-5002R Datasheet
425Kb / 30P
Dual SCART A/V Switch
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
logo
SIFIRST TECHNOLOGIES NA...
SFL952 SIFIRST-SFL952 Datasheet
121Kb / 2P
Built-in 650 V power switch
SFL958 SIFIRST-SFL958 Datasheet
120Kb / 2P
Built-in 650 V power switch
logo
Schneider Electric
QO300 SCHNEIDER-QO300 Datasheet
151Kb / 3P
Mini Switch, QO, 60 A, 3P, 240 V, 10 kA, Plug in
Dec 30, 2019
XB7ND33 SCHNEIDER-XB7ND33_V01 Datasheet
123Kb / 6P
Harmony XB7, Monolithic selector switch, plastic, black, Ø22, stay put, 3 positions, stay put, 2 NO
Jan 12, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com