Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6228N Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6228N
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228N Datasheet(HTML) 1 Page - STMicroelectronics

  L6228N Datasheet HTML 1Page - STMicroelectronics L6228N Datasheet HTML 2Page - STMicroelectronics L6228N Datasheet HTML 3Page - STMicroelectronics L6228N Datasheet HTML 4Page - STMicroelectronics L6228N Datasheet HTML 5Page - STMicroelectronics L6228N Datasheet HTML 6Page - STMicroelectronics L6228N Datasheet HTML 7Page - STMicroelectronics L6228N Datasheet HTML 8Page - STMicroelectronics L6228N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
L6228
September 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
s
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
s
2.8A OUTPUT PEAK CURRENT (1.4A RMS)
s
RDS(ON) 0.73Ω TYP. VALUE @ Tj = 25°C
s
OPERATING FREQUENCY UP TO 100KHz
s
NON DISSIPATIVE OVERCURRENT
PROTECTION
s
DUAL INDEPENDENT CONSTANT tOFF PWM
CURRENT CONTROLLERS
s
FAST/SLOW DECAY MODE SELECTION
s
FAST DECAY QUASI-SYNCHRONOUS
RECTIFICATION
s
DECODING LOGIC FOR STEPPER MOTOR
FULL AND HALF STEP DRIVE
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
UNDER VOLTAGE LOCKOUT
s
INTEGRATED FAST FREE WHEELING DIODES
TYPICAL APPLICATIONS
s
BIPOLAR STEPPER MOTOR
DESCRIPTION
The L6228 is a DMOS Fully Integrated Stepper Motor
Driver with non-dissipative Overcurrent Protection,
realized in MultiPower-BCD technology, which com-
bines isolated DMOS Power Transistors with CMOS
and bipolar circuits on the same chip. The device in-
cludes all the circuitry needed to drive a two-phase
bipolar stepper motor including: a dual DMOS Full
Bridge, the constant off time PWM Current Controller
that performs the chopping regulation and the Phase
Sequence Generator, that generates the stepping
sequence. Available
in PowerDIP24 (20+2+2),
PowerSO36 and SO24 (20+2+2) packages, the
L6228 features a non-dissipative overcurrent protec-
tion on the high side Power MOSFETs and thermal
shutdown.
BLOCK DIAGRAM
GATE
LOGIC
STEPPING
SEQUENCE
GENERATION
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
EN
CONTROL
CW/CCW
VREFA
VBOOT
5V
10V
VSA
VSB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
ONE SHOT
MONOSTABLE
MASKING
TIME
THERMAL
PROTECTION
VBOOT
VBOOT
OCDB
OCDA
10V
10V
BRIDGE A
SENSE
COMPARATOR
BRIDGE B
D01IN1225
RCA
+
-
SENSEB
VREFB
RCB
HALF/FULL
CLOCK
RESET
PWM
ORDERING NUMBERS:
L6228N (PowerDIP24)
L6228PD (PowerSO36)
L6228D (SO24)
PowerDIP24
(20+2+2)
PowerSO36
SO24
(20+2+2)
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR


Similar Part No. - L6228N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
457Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L6228DTR STMICROELECTRONICS-L6228DTR Datasheet
457Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
DMOS driver for bipolar stepper motor
14-Jan-2008
L6228Q STMICROELECTRONICS-L6228Q Datasheet
497Kb / 32P
DMOS driver for bipolar stepper motor
31-Aug-2010
L6228QTR STMICROELECTRONICS-L6228QTR Datasheet
497Kb / 32P
DMOS driver for bipolar stepper motor
31-Aug-2010
More results

Similar Description - L6228N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982 Datasheet
299Kb / 10P
DMOS Stepper Motor Driver with Translator
logo
STMicroelectronics
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
DMOS driver for bipolar stepper motor
14-Jan-2008
L6228Q STMICROELECTRONICS-L6228Q_10 Datasheet
497Kb / 32P
DMOS driver for bipolar stepper motor
31-Aug-2010
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982_13 Datasheet
335Kb / 11P
DMOS Stepper Motor Driver with Translator
logo
STMicroelectronics
L6228DTR STMICROELECTRONICS-L6228DTR Datasheet
457Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L6208PD013TR STMICROELECTRONICS-L6208PD013TR Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
L6208Q STMICROELECTRONICS-L6208Q Datasheet
837Kb / 34P
DMOS driver for bipolar stepper motor
12-Jun-2013
L6208QTR STMICROELECTRONICS-L6208QTR Datasheet
837Kb / 34P
DMOS driver for bipolar stepper motor
12-Jun-2013
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com