Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2311KI2-R0001T Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC2311KI2-R0001T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KI2-R0001T Datasheet(HTML) 4 Page - Microchip Technology

  DSC2311KI2-R0001T Datasheet HTML 1Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 2Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 3Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 4Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 5Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 6Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 7Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 8Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DSC2311
DS20005611A-page 4
 2016 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range (T)
TA
–20
+70
°C
Ordering Option E
TA
–40
+85
°C
Ordering Option I
TA
–40
+105
°C
Ordering Option L
TA
–40
+125
°C
Ordering Option M
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TS
–40
+150
°C
Soldering Temperature Range
+260
°C
40 sec. max.
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature, and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com