Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1819M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1819M
Description  Air-Core Meter Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1819M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1819M Datasheet HTML 1Page - National Semiconductor (TI) LM1819M Datasheet HTML 2Page - National Semiconductor (TI) LM1819M Datasheet HTML 3Page - National Semiconductor (TI) LM1819M Datasheet HTML 4Page - National Semiconductor (TI) LM1819M Datasheet HTML 5Page - National Semiconductor (TI) LM1819M Datasheet HTML 6Page - National Semiconductor (TI) LM1819M Datasheet HTML 7Page - National Semiconductor (TI) LM1819M Datasheet HTML 8Page - National Semiconductor (TI) LM1819M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage Va (pin 13)
20V
Power Dissipation (note 1)
1300 mW
Operating Temperature
b
40 Cto a85 C
Storage Temperature
b
65 Cto b150 C
Lead Temp (Soldering 10 seconds)
260 C
BVCEO
20VMIN
Electrical Characteristics VS e 131V TA e 25 C unless otherwise specified
Symbol
Parameter
Pin(s)
Conditions
Min
Typ
Max
Units
IS
Supply Current
13
Zero Input Frequency
65
mA
(See
Figure 1 )
VREG
Regulator Voltage
11
IREG e 0 mA
81
85
89
V
Regulator Output Resistance
11
IREG e 0 mA to 3 mA
135
X
VREF
Reference Voltage
4
IREF e 0 mA
19
21
23
V
Reference Output Resistance
4
IREF e 0 mAto50 mA
53
kX
Norton Amplifier Mirror Gain
5 6
IBIAS j 20 mA
09
10
11
hFE
NPN Transistor DC Gain
9 10
125
Function Generator Feedback
1
V1 e 51V
10
mA
Bias Current
Drive Voltage Extremes
2 12
ILOAD e 20 mA
g
4
g
45
V
Sine and Cosine
Sine Output Voltage
2
V8 e VREF
b
350
0
a
350
mV
with Zero Input
Function Generator Linearity
FSD e 305
g
17
%FSD
k
Function Generator Gain
Meter Deflection DV8
5075
5375
5675
V
Note 1
For operation above 25 C the LM1819 must be derated based upon a 125 C maximum junction temperature and a thermal resistance of 76 CW which
applies for the device soldered in a printed circuit board and operating in a still-air ambient
Application Hints
AIR-CORE METER MOVEMENTS
Air-core meters are often favored over other movements as
a result of their mechanical ruggedness and their indepen-
dence of calibration with age A simplified diagram of an air-
core meter is shown in
Figure 2 There are three basic
pieces a magnet and pointer attached to a freely rotating
axle and two coils each oriented at a right angle with re-
spect to the other The only moving part in this meter is the
axle assembly The magnet will tend to align itself with the
vector sum of H fields of each coil where H is the magnetic
field strength vector If for instance a current passes
through the cosine coil (the reason for this nomenclature
will become apparent later) as shown in
Figure 3(a) the
magnet will align its magnetic axis with the coil’s H field
Similarly a current in the sine coil (
Figure 3(b) ) causes the
magnet to align itself with the sine H field If currents are
applied simultaneously to both sine and cosine coils the
magnet will turn to the direction of the vector sum of the two
H
fields
(Figure 3(c)) H is proportional to the voltage applied
to a coil Therefore by varying both the polarity and magni-
tude of the coil voltages the axle assembly can be made to
rotate a full 360 The LM1819 is designed to drive the me-
ter through a minimum of 305
TLH5263 – 2
FIGURE 2 Simplified Diagram of an Air Core Meter
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com