Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339MX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM339MX
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM339MX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM339MX Datasheet HTML 1Page - National Semiconductor (TI) LM339MX Datasheet HTML 2Page - National Semiconductor (TI) LM339MX Datasheet HTML 3Page - National Semiconductor (TI) LM339MX Datasheet HTML 4Page - National Semiconductor (TI) LM339MX Datasheet HTML 5Page - National Semiconductor (TI) LM339MX Datasheet HTML 6Page - National Semiconductor (TI) LM339MX Datasheet HTML 7Page - National Semiconductor (TI) LM339MX Datasheet HTML 8Page - National Semiconductor (TI) LM339MX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics (Continued)
(V
+=5 V
DC,TA = 25˚C, unless otherwise stated)
Parameter
Conditions
LM139A
LM239A, LM339A
LM139
Units
Min Typ
Max
Min
Typ
Max
Min Typ
Max
R
L = 5.1 k
Ω
Response Time
V
RL =5VDC,RL = 5.1 k
Ω,
1.3
1.3
1.3
µs
(Note 7)
Output Sink Current
V
IN(−) =1VDC,VIN(+) = 0,
6.0
16
6.0
16
6.0
16
mA
DC
V
O
≤ 1.5 V
DC
Saturation Voltage
V
IN(−) =1VDC,VIN(+) = 0,
250
400
250
400
250
400
mV
DC
I
SINK
≤ 4mA
Output Leakage
V
IN(+) =1VDC,VIN(−) = 0,
0.1
0.1
0.1
nA
DC
Current
V
O =5VDC
Electrical Characteristics
(V
+ =5V
DC,TA = 25˚C, unless otherwise stated)
Parameter
Conditions
LM239, LM339
LM2901
LM3302
Units
Min
Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
2.0
5.0
2.0
7.0
3
20
mV
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
25
250
25
250
25
500
nA
DC
Linear Range, (Note 5), V
CM=0V
Input Offset Current
I
IN(+)−IIN(−),VCM = 0V
5.0
50
5
50
3
100
nA
DC
Input Common-Mode
V
+ =30V
DC (LM3302,
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
DC
Voltage Range
V
+ =28V
DC) (Note 6)
Supply Current
R
L = ∞ on all Comparators,
0.8
2.0
0.8
2.0
0.8
2.0
mA
DC
R
L = ∞,V
+ = 36V,
1.0
2.5
1.0
2.5
1.0
2.5
mA
DC
(LM3302, V
+ =28V
DC)
Voltage Gain
R
L
≥ 15 kΩ,V+ =15V
DC
50
200
25
100
2
30
V/mV
V
O =1VDC to 11 VDC
Large Signal
V
IN = TTL Logic Swing, VREF =
300
300
300
ns
Response Time
1.4 V
DC,VRL =5VDC,
R
L = 5.1 k
Ω,
Response Time
V
RL =5VDC,RL = 5.1 k
Ω,
1.3
1.3
1.3
µs
(Note 7)
Output Sink Current
V
IN(−)=1VDC,VIN(+) = 0,
6.0
16
6.0
16
6.0
16
mA
DC
V
O
≤ 1.5 V
DC
Saturation Voltage
V
IN(−) =1VDC,VIN(+) = 0,
250
400
250
400
250
500
mV
DC
I
SINK
≤ 4mA
Output Leakage
V
IN(+) =1VDC,VIN(−) = 0,
0.1
0.1
0.1
nA
DC
Current
V
O =5VDC
Electrical Characteristics
(V
+ = 5.0 V
DC, (Note 4))
Parameter
Conditions
LM139A
LM239A, LM339A
LM139
Units
Min Typ
Max
Min
Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
4.0
4.0
9.0
mV
DC
Input Offset Current
I
IN(+)−IIN(−),VCM = 0V
100
150
100
nA
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
300
400
300
nA
DC
Linear Range, V
CM = 0V (Note 5)
Input Common-Mode
V
+=30 V
DC (LM3302,
0
V
+−2.0
0
V
+−2.0
0
V
+−2.0
V
DC
Voltage Range
V
+ =28V
DC) (Note 6)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com