Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA88A Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA88A
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA88A Datasheet(HTML) 4 Page - Cirrus Logic

  PA88A Datasheet HTML 1Page - Cirrus Logic PA88A Datasheet HTML 2Page - Cirrus Logic PA88A Datasheet HTML 3Page - Cirrus Logic PA88A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA88 • PA88A
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 3.5 ohm, however for optimum reliability the
resistor value should be set as high as possible. The value
is calculated as follows; with the maximum practical value of
150 ohms.
.7
R
CL =
I
LIM
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery diodes should be used.
���
��������������������������������
���������
��
��
�� ���
���
���
�
��
��
��
��
���
���
���
�����
�
��������
�����
�
�������
�����
���������������������������������
�����
�
�������
�����
���
INPUT PROTECTION
Although the PA88 can withstand differential input voltages
up to ±25V, additional external protection is recommended,
and required at total supply voltages above 300 volts. In most
applications 1N4148 or 1N914 signal diodes are sufficient (D1,
D2 in Figure 2a). In more demanding applications where low
leakage or low capacitance are of concern 2N4416 or 2N5457-
2N5459 JFETs connected as diodes will be required (Q1, Q2
in Figure 2b). In either case the input differential voltage will
be clamped to ±.7V. This is sufficient overdrive to produce
maximum power bandwidth.
POWER SUPPLY PROTECTION
Unidirectional zener diode transient suppressors are recom-
mended as protection on the supply pins. The zeners clamp
transients to voltages within the power supply rating and also
clamp power supply reversals to ground. Whether the zeners
are used or not, the system power supply should be evaluated
for transient performance including power-on overshoot and
power-off polarity reversal as well as line regulation.
Conditions which can cause open circuits or polarity reversals
on either power supply rail should be avoided or protected
against. Reversals or opens on the negative supply rail is
known to induce input stage failure. Unidirectional transzorbs
prevent this, and it is desirable that they be both electrically
and physically as close to the amplifier as possible.
STABILITY
The PA88 has sufficient phase margin to be stable with
most capacitive loads at a gain of 4 or more, using the rec-
ommended phase
compensation.
The PA88 is exter-
nally compensated
and performance can
be tailored to the
application. Use the
graphs of small signal
response and power
response as a guide.
The compensation
capacitor C
C must
be rated at 500V
working voltage. An
NPO capacitor is
recommended. The
compensation net-
work C
CRC must be
mounted closely to
the amplifier pins 7
and 8 to avoid spuri-
ous oscillation.
FIGURE 2. OVERVOLTAGE PROTECTION
����
���
���
���
��
��
��
��
�
�
�
�
���
���
���
��
��
�
�
�
�
����
��
��
��
��
���
���
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notic
PA88U REV L FEBRUARY 2005 © 2005 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com