Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9518 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9518
Description  Expandable 5-channel I2C hub
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9518 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9518 Datasheet HTML 3Page - NXP Semiconductors PCA9518 Datasheet HTML 4Page - NXP Semiconductors PCA9518 Datasheet HTML 5Page - NXP Semiconductors PCA9518 Datasheet HTML 6Page - NXP Semiconductors PCA9518 Datasheet HTML 7Page - NXP Semiconductors PCA9518 Datasheet HTML 8Page - NXP Semiconductors PCA9518 Datasheet HTML 9Page - NXP Semiconductors PCA9518 Datasheet HTML 10Page - NXP Semiconductors PCA9518 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data sheet
PCA9518
Expandable 5-channel I2C hub
2004 Sep 29
7
ABSOLUTE MAXIMUM RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134).
Voltages with respect to pin GND.
LIMITS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
Supply voltage range VCC
–0.5
+7
V
Vbus
Voltage range I2C-bus, SCL or SDA
–0.5
+7
V
I
DC current (any pin)
—
50
mA
Ptot
Power dissipation
—
300
mW
Tstg
Storage temperature range
–55
+125
°C
Tamb
Operating ambient temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
VCC = 3.0 to 3.6 V; GND = 0 V; Tamb = –40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
DC supply voltage
3.0
3.3
3.6
V
ICCH
Quiescent supply current,
both channels HIGH
VCC = 3.6 V;
SDAn = SCLn = VCC
—
7.5
10
mA
ICCL
Quiescent supply current,
both channels LOW
VCC = 3.6 V;
one SDA and one SCL = GND,
other SDA and SCL open
—
9
11
mA
ICCLc
Quiescent supply current in contention
VCC = 3.6 V;
SDAn = SCLn = GND
—
9
11
mA
Input SCL; input/output SDA
VIH
HIGH-level input voltage, SCL, SDA
0.7 VCC
—
5.5
V
VIL
LOW-level input voltage, SCL, SDA
(Note 1)
–0.5
—
0.3 VCC
V
VILc
LOW-level input voltage contention,
SCL, SDA (Note 1)
–0.5
—
0.4
V
VIK
Input clamp voltage
II = –18 mA
—
—
–1.2
V
II
Input leakage current
VI = 3.6 V
—
—
±1
µA
IIL
Input current LOW, SDA, SCL
VI = 0.2 V, SDA, SCL
—
—
5
µA
VOL
LOW level output, SCL, SDA
IOL = 02 or 6 mA
0.47
0.52
0.6
V
VOL–VILc
LOW level input voltage below
output LOW level voltage
Guaranteed by design
—
—
70
mV
CI
Input capacitance
VI = 3 V or 0 V
—
6
8
pF
Enable 1–4
VIL
LOW level input voltage
–0.5
—
0.8
V
VIH
HIGH level input voltage
2.0
—
5.5
V
IIL
Input current LOW
VI = 0.2 V, EN1–EN4
—
10
30
µA
ILI
Input leakage current
–1
—
1
µA
CI
Input capacitance
VI = 3.0 V or 0 V
—
3
7
pF
Expansion Pins
VIH
HIGH level input voltage, EXP*
0.55
VCC
—
5.5
V
VIL
LOW level input voltage, EXP*
–0.5
—
0.45 VCC
V
IIL
Input current LOW, EXP*
VI = 0.2 V, EXP*
—
—
5
µA
VOL
LOW level output, EXP*
IOL = 12 mA
—
—
0.5
V
CI
Input capacitance
VI = 3.0 V or 0 V
—
6
8
pF
NOTE:
1. VIL specification is for the first LOW level seen by the SDAx/SCLx lines. VILc is for the second and subsequent LOW levels seen by the
SDAx/SCLx lines.
2. Test performed with IOL = 10 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com