Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26CIM5-KLA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM26CIM5-KLA
Description  Accurate, Factory Preset Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26CIM5-KLA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26CIM5-KLA Datasheet HTML 1Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 2Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 3Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 4Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 5Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 6Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 7Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 8Page - National Semiconductor (TI) LM26CIM5-KLA Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM26
SOT-23, ±3˚C Accurate, Factory Preset Thermostat
General Description
The LM26 is a precision, single digital-output, low-power
thermostat comprised of an internal reference, DAC, tem-
perature sensor and comparator. Utilizing factory program-
ming, it can be manufactured with different trip points as well
as different digital output functionality. The trip point (T
OS)
can be preset at the factory to any temperature in the range
of −55˚C to +110˚C in 1˚C increments. The LM26 has one
digital output (OS/OS/US/US), one digital input (HYST) and
one analog output (V
TEMP). The digital output stage can be
preset as either open-drain or push-pull. In addition, it can be
factory programmed to be active HIGH or LOW. The digital
output can be factory programmed to indicate an over tem-
perature shutdown event (OS or OS) or an under tempera-
ture shutdown event (US or US). When preset as an over-
temperature shutdown (OS) it will go LOW to indicate that
the die temperature is over the internally preset T
OS and go
HIGH when the temperature goes below (T
OS–THYST). Simi-
larly, when preprogrammed as an undertemperature shut-
down (US) it will go HIGH to indicate that the temperature is
below T
US and go LOW when the temperature is above
(T
US+THYST). The typical hysteresis, THYST, can be set to
2˚C or 10˚C and is controlled by the state of the HYST pin. A
V
TEMP analog output provides a voltage that is proportional
to temperature and has a −10.82mV/˚C output slope.
Available parts are detailed in the ordering information. For
other part options, contact a National Semiconductor Dis-
tributor or Sales Representative for information on minimum
order qualification. The LM26 is currently available in a
5-lead SOT-23 package.
Applications
n
Microprocessor Thermal Management
n
Appliances
n
Portable Battery Powered Systems
n
Fan Control
n
Industrial Process Control
n
HVAC Systems
n
Remote Temperature Sensing
n
Electronic System Protection
Features
n
Internal comparator with pin programmable 2˚C or 10˚C
hysteresis
n
No external components required
n
Open Drain or push-pull digital output; supports CMOS
logic levels
n
Internal temperature sensor with V
TEMP output pin
n
V
TEMP output allows after-assembly system testing
n
Internal voltage reference and DAC for trip-point setting
n
Currently available in 5-pin SOT-23 plastic package
n
Excellent power supply noise rejection
Key Specifications
j Power Supply Voltage
2.7V to 5.5V
j Power Supply Current
40µA(max)
20µA(typ)
j Hysteresis Temperature
2˚C or 10˚C(typ)
Temperature Trip Point Accuracy
Temperature Range
LM26CIM
−55˚C to +110˚C
±3˚C (max)
+120˚C
±4˚C (max)
LM26CIM5-TPA Simplified Block Diagram and Connection Diagram
10132301
The LM26CIM5-TPA has a fixed trip point of 85˚C.
For other trip point and output function availability,
please see ordering information or contact National Semiconductor.
March 2005
© 2005 National Semiconductor Corporation
DS101323
www.national.com


Similar Part No. - LM26CIM5-KLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26CIM5-BPB TI1-LM26CIM5-BPB Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5-BPB/NOPB TI-LM26CIM5-BPB/NOPB Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM26CIM5-BPB/NOPB TI2-LM26CIM5-BPB/NOPB Datasheet
667Kb / 25P
LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
REVISED SEPTEMBER 2015
LM26CIM5-BPB/NOPB.A TI2-LM26CIM5-BPB/NOPB.A Datasheet
667Kb / 25P
LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
REVISED SEPTEMBER 2015
LM26CIM5-DPB TI1-LM26CIM5-DPB Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
More results

Similar Description - LM26CIM5-KLA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27A NSC-LM27A Datasheet
237Kb / 10P
짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com