Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM261 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM261
Description  High Speed Differential Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM261 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM261 Datasheet HTML 1Page - National Semiconductor (TI) LM261 Datasheet HTML 2Page - National Semiconductor (TI) LM261 Datasheet HTML 3Page - National Semiconductor (TI) LM261 Datasheet HTML 4Page - National Semiconductor (TI) LM261 Datasheet HTML 5Page - National Semiconductor (TI) LM261 Datasheet HTML 6Page - National Semiconductor (TI) LM261 Datasheet HTML 7Page - National Semiconductor (TI) LM261 Datasheet HTML 8Page - National Semiconductor (TI) LM261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage, V
+
+16V
Negative Supply Voltage, V
−16V
Gate Supply Voltage, V
CC
+7V
Output Voltage
+7V
Differential Input Voltage
±5V
Input Common Mode Voltage
±6V
Power Dissipation
600 mW
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
T
MIN
T
MAX
LM161
−55˚C to +125˚C
LM261
−25˚C to +85˚C
LM361
0˚C to +70˚C
Lead Temp. (Soldering, 10 seconds)
260˚C
For Any Device Lead Below V
0.3V
Operating Conditions
Min
Typ
Max
Supply Voltage V
+
LM161/LM261
5V
15V
LM361
5V
15V
Supply Voltage V
LM161/LM261
−6V
−15V
LM361
−6V
−15V
Supply Voltage V
CC
LM161/LM261
4.5V
5V
5.5V
LM361
4.75V
5V
5.25V
ESD Tolerance (Note 6)
1600V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on
Product Reliability” for other methods of soldering surface
mount devices.
Electrical Characteristics
(V
+ = +10V, V
CC = +5V, V
= −10V, T
MIN ≤ TA ≤ TMAX, unless noted)
Limits
Parameter
Conditions
LM161/LM261
LM361
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
1
3
1
5
mV
Input Bias Current
T
A=25˚C
5
10
µA
20
30
µA
Input Offset Current
T
A=25˚C
2
2
µA
35
µA
Voltage Gain
T
A=25˚C
3
3
V/mV
Input Resistance
T
A=25˚C, f=1 kHz
20
20
k
Logical “1” Output Voltage
V
CC=4.75V,
2.4
3.3
2.4
3.3
V
I
SOURCE=−0.5 mA
Logical “0” Output Voltage
V
CC=4.75V,
0.4
0.4
V
I
SINK=6.4 mA
Strobe Input “1” Current
V
CC=5.25V,
200
200
µA
(Output Enabled)
V
STROBE=2.4V
Strobe Input “0” Current
V
CC=5.25V,
−1.6
−1.6
mA
(Output Disabled)
V
STROBE=0.4V
Strobe Input “0” Voltage
V
CC=4.75V
0.8
0.8
V
Strobe Input “1” Voltage
V
CC=4.75V
2
2
V
Output Short Circuit Current
V
CC=5.25V, VOUT=0V
−18
−55
−18
−55
mA
V
+=10V, V=−10V,
V
CC=5.25V,
−55˚C
≤T
A≤125˚C
Supply Current I
+
4.5
mA
V
+=10V, V=−10V,
V
CC=5.25V,
0˚C
≤T
A≤70˚C
Supply Current I
+
5mA
V
+=10V, V=−10V,
V
CC=5.25V,
−55˚C
≤T
A≤125˚C
Supply Current I
10
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com