Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1830N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1830N
Description  Fluid Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1830N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1830N Datasheet HTML 1Page - National Semiconductor (TI) LM1830N Datasheet HTML 2Page - National Semiconductor (TI) LM1830N Datasheet HTML 3Page - National Semiconductor (TI) LM1830N Datasheet HTML 4Page - National Semiconductor (TI) LM1830N Datasheet HTML 5Page - National Semiconductor (TI) LM1830N Datasheet HTML 6Page - National Semiconductor (TI) LM1830N Datasheet HTML 7Page - National Semiconductor (TI) LM1830N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
28V
Power Dissipation (Note 1)
1400 mW
Output Sink Current
20 mA
Operating Temperature Range
b
40 Cto a85 C
Storage Temperature Range
b
40 Cto a150 C
Lead Temp (Soldering 10 seconds)
260 C
Electrical Characteristics (Vae16V TAe25 C unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
Supply Current
55
10
mA
Oscillator Output Voltage
Low
11
V
High
42
V
Internal Reference Resistor
8
13
25
kX
Detector Threshold Voltage
680
mV
Detector Threshold Resistance
5
10
15
kX
Output Saturation Voltage
IOe10 mA
05
20
V
Output Leakage
VPIN 12e16V
10
m
A
Oscillator Frequency
C1e000 1mF
4
7
12
kHz
Note 1
The maximum junction temperature rating of the LM1830N is 150 C For operation at elevated temperatures devices in the dual-in-line plastic package
must be derated based on a thermal resistance of 89 CW
Schematic Diagram
TLH5700 – 2
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com