Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575M-ADJ Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575M-ADJ
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575M-ADJ Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2575M-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 15Page - National Semiconductor (TI) LM2575M-ADJ Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Test Circuit and Layout Guidelines (Continued)
Fixed Output Voltage Versions
01147508
CIN — 100 µF, 75V, Aluminum Electrolytic
COUT — 330 µF, 25V, Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 330 µH, PE-52627 (for 5V in, 3.3V out, use 100 µH, PE-92108)
Adjustable Output Voltage Version
01147509
where VREF = 1.23V, R1 between 1k and 5k.
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Note: Pin numbers are for the TO-220 package.
FIGURE 2.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com