Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258H Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM258H
Description  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM258H Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM258H Datasheet HTML 6Page - National Semiconductor (TI) LM258H Datasheet HTML 7Page - National Semiconductor (TI) LM258H Datasheet HTML 8Page - National Semiconductor (TI) LM258H Datasheet HTML 9Page - National Semiconductor (TI) LM258H Datasheet HTML 10Page - National Semiconductor (TI) LM258H Datasheet HTML 11Page - National Semiconductor (TI) LM258H Datasheet HTML 12Page - National Semiconductor (TI) LM258H Datasheet HTML 13Page - National Semiconductor (TI) LM258H Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Ordering Information
Package
Temperature Range
NSC Drawing
−55˚C to 125˚C
−25˚C to 85˚C
0˚C to 70˚C
−40˚C to 85˚C
SO-8
LM358AM
LM358AMX
LM358M
LM358MX
LM2904M
LM2904MX
M08A
8-Pin Molded DIP
LM358AN
LM358N
LM2904N
N08E
8-Pin Ceramic DIP
LM158AJ/883(Note 11)
LM158J/883(Note 11)
LM158J
LM158AJLQML(Note 12)
LM158AJQMLV(Note 12)
J08A
TO-5, 8-Pin Metal
Can
LM158AH/883(Note 11)
LM158H/883(Note 11)
LM158AH
LM158H
LM158AHLQML(Note 12)
LM158AHLQMLV(Note 12)
LM258H
LM358H
H08C
8-Bump micro
SMD
LM358BP
LM358BPX
LM2904IBP
LM2904IBPX
BPA08AAB
0.85 mm Thick
8-Bump micro
SMD
Lead Free
LM358TP
LM358TPX
LM2904ITP
LM2904ITPX
TPA08AAA
0.50 mm Thick
14-Pin Ceramic
SOIC
LM158AWG/883
WG10A
Note 11: LM158 is available per SMD #5962-8771001
LM158A is available per SMD #5962-8771002
Note 12: See STD Mil DWG 5962L87710 for Radiation Tolerant Devices
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com