Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL41Y Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # GL41Y
Description  GLASS PASSIVATED JUNCTION SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GL41Y Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  GL41Y Datasheet HTML 1Page - EIC discrete Semiconductors GL41Y Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( GL41Y )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
Page 2 of 2
Rev. 00 : April 24, 2009
0.8
0.6
0.4
0.2
1.0
10
1.0
25
0
30
5
20
15
10
1.0
0.1
0.01
10
0.1
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25 °C
Pulse Width = 300
μs
1% Duty Cycle
0.01
60Hz RESISTIVE OR INDUCTIVE LOAD
8.3 ms SINGLE HALF SINE WAVE
TJ = TJ Max.
100
0.001
TJ = 75 °C
INSTANTANEOUS FORWARD
VOLTAGE , (V)
TJ = 25 °C
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com