Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4931 Datasheet HTML 1Page - National Semiconductor (TI) LM4931 Datasheet HTML 2Page - National Semiconductor (TI) LM4931 Datasheet HTML 3Page - National Semiconductor (TI) LM4931 Datasheet HTML 4Page - National Semiconductor (TI) LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Connection Diagrams
42-Bump micro SMD
42-Bump micro SMD Marking
20100958
Top View (Bump Side Down)
Order Number LM4931ITL
See NS Package Number TLA42YVA
201009I7
Top View
XY - Date Code
TT - Die Tracebility
G - Boomer Family
C9 - LM4931ITL
Pin Descriptions
PIN
PIN NAME
D/A
I/O
DESCRIPTION
A1
MIC_P
A
I
Microphone positive differential input
A2
MIC_N
A
I
Microphone negative differential input
A3
VDD(MIC)
A
I
Analog Vdd for microphone section
A4
MODE
D
I
Selects between SPI and I
2C control interfaces (I2C=0,SPI=1)
A5
SDA/SDI
D
I/O
I
2C_SDA or SPI_SDI depending on the MODE control
A6
NC
N/A
N/A
No Connect
B1
MIC_P
A
I
Microphone positive differential input
B2
MIC_BIAS
A
O
2V ultra clean power supply for microphones
B3
BYPASS
A
I
Click and Pop / VDD/2 reference filter
B4
ADDR/ENB
D
I
I
2C_ADDR or SPI_ENB depending on the MODE control
B5
SCL/SCK
D
I
I
2C_SCL or SPI_SCK depending on the MODE control
B6
PCM_SDI
D
I
PCM_SDI voice data input
C1
VSS(MIC)
A
I
Analog Vss for microphone section
C2
MIC_REF
A
I
Filter for microphone power supply
C3
NC
N/A
N/A
No Connect
C4
PCM_SDO
D
O
PCM_SDO serial data output
C5
PCM_SYNC
D
I/O
PCM_SYNC pulse for the PCM bus
C6
PCM-CLK
D
I/O
PCM_SYNC pulse for the PCM bus
D1
HPL
A
O
Left Headphone output
D2
VSS(HP)
A
I
Analog Vss for Headphone and Mixer sections
D3
VSS(HP)
A
I
Analog Vss for Headphone and Mixer sections
D4
I
2S_SDI
D
I
I
2S serial data input
D5
I
2S_CLK
D
I/O
I
2S clock signal
D6
VSSD
D
I
Digital Vss
E1
VDD(HP)
A
I
Analog Vdd for Headphone and Mixer sections
E2
HPR
A
O
Right Headphone output
E3
GPIO
D
O
Configurable multi purpose output
E4
I
2S_WS
D
I/O
I
2S word select signal
E5
MCLK
D
I
Input clock from 10MHz - 24.576MHz
E6
VDDD
D
I
Digital Vdd
F1
LS+
A
O
Loudspeaker positive output
F2
VDD(LS)
A
I
Analog Vdd for Loudspeaker section
F3
HP_SENSE
A
I
Input for headphone connection sense circuit
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com