Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3936SL Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SL
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SL Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP3936SL Datasheet HTML 12Page - National Semiconductor (TI) LP3936SL Datasheet HTML 13Page - National Semiconductor (TI) LP3936SL Datasheet HTML 14Page - National Semiconductor (TI) LP3936SL Datasheet HTML 15Page - National Semiconductor (TI) LP3936SL Datasheet HTML 16Page - National Semiconductor (TI) LP3936SL Datasheet HTML 17Page - National Semiconductor (TI) LP3936SL Datasheet HTML 18Page - National Semiconductor (TI) LP3936SL Datasheet HTML 19Page - National Semiconductor (TI) LP3936SL Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
WLED and CLED Driver Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
RANGE
Sink Current Range
V
FB = 4.55V, Control 00h–FFh
0–25.5
mA
I
MAX
Maximum Sink Current
(Note 14)
24
25.5
27
mA
22
28
mA
I
LEAKAGE
Leakage Current
V
FB = 5V
0.04
1
µA
I
MATCH
Sink Current Matching
(Note 15)
I
SINK = 13 mA, between
WLED1…4or WLED5 … 6
1.0
4
%
Note 14: A minimum voltage, Dropout Voltage, is required on the WLED outputs for maintaining the LED current. The current reduction at lower voltages is shown
in the graph WLED Output Current vs. Voltage.
Note 15: Match % = 100% * (Max – Min)/Min
WLED Current Adjustment
WLED[7:0]
WLED Current
(Typical)
Units
0000 0000
0
mA
0000 0001
0.1
mA
0000 0010
0.2
mA
0000 0011
0.3
mA
••
••
1111 1101
25.3
mA
1111 1110
25.4
mA
1111 1111
25.5
mA
WLED Output Current vs Voltage
Temperatures −40˚C, +25˚C, +85˚C
20081431
Recommended External
Components
OUTPUT CAPACITOR, C
OUT
The output capacitor C
OUT directly affects the magnitude of
the output ripple voltage. In general, the higher the value of
C
OUT, the lower the output ripple magnitude. Multilayer ce-
ramic capacitors with low ESR are the best choice. At the
lighter loads, the low ESR ceramics offer a much lower V
OUT
ripple than the higher ESR tantalums of the same value. At
the higher loads, the ceramics offer a slightly lower V
OUT
ripple magnitude than the tantalums of the same value.
However, the dv/dt of the V
OUT ripple with the ceramics is
much lower than the tantalums under all load conditions.
Capacitor voltage rating must be sufficient, 10V is recom-
mended. It should be noted that with some capacitor types
the actual capacitance depends heavily on the capacitor DC
voltage bias.
INPUT CAPACITOR, C
IN
The input capacitor C
IN directly affects the magnitude of the
input ripple voltage and to a lesser degree the V
OUT ripple. A
higher value C
IN will give a lower VIN ripple. Capacitor volt-
age rating must be sufficient, 10V is recommended.
OUTPUT DIODE, D
OUT
A Schottky diode should be used for the output diode. To
maintain high efficiency the average current rating of the
schottky diode should be larger than the peak inductor cur-
rent (1A). Schottky diodes with a low forward drop and fast
switching speeds are ideal for increasing efficiency in por-
table applications. Choose a reverse breakdown of the
schottky diode larger than the output voltage. Do not use
ordinary rectifier diodes, since slow switching speeds and
long recovery times cause the efficiency and the load regu-
lation to suffer.
INDUCTOR, L
The high switching frequency enables the use of the small
surface mount inductor. A 10 µH shielded inductor is sug-
gested. Values below 4.7 µH should not be used. The induc-
tor should have a saturation current rating higher than the
peak current it will experience during circuit operation (
A1A).
Less than 300 m
Ω ESR is suggested for high efficiency.
Open core inductors cause flux linkage with circuit compo-
nents and interfere with the normal operation of the circuit.
This should be avoided. For high efficiency, choose an in-
ductor with a high frequency core material such as ferrite to
reduce the core losses. To minimize radiated noise, use a
toroid, pot core or shielded core inductor. The inductor
should be connected to the OUT pin as close to the IC as
possible. Examples of suitable inductors are TDK types
LLF4017T-100MR90C and VLF4012AT-100MR79 and Coil-
craft type DO3314T-103 (unshielded).
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com