Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS8550C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSS8550C
Description  PNP medium power 25 V transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS8550C Datasheet(HTML) 4 Page - NXP Semiconductors

  PSS8550C Datasheet HTML 1Page - NXP Semiconductors PSS8550C Datasheet HTML 2Page - NXP Semiconductors PSS8550C Datasheet HTML 3Page - NXP Semiconductors PSS8550C Datasheet HTML 4Page - NXP Semiconductors PSS8550C Datasheet HTML 5Page - NXP Semiconductors PSS8550C Datasheet HTML 6Page - NXP Semiconductors PSS8550C Datasheet HTML 7Page - NXP Semiconductors PSS8550C Datasheet HTML 8Page - NXP Semiconductors PSS8550C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Aug 10
4
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
handbook, halfpage
0
400
100
200
300
MLD958
−10−1
−1
IC (mA)
hFE
−10
−102
−103
−104
(1)
(2)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
PSS8550C VCE = −1V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD959
−10−1
−1
−10
IC (mA)
VBE
(mV)
−103
−102
−104
(1)
(2)
(3)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
PSS8550C VCE = −1V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−10−1
−1
−10
−102
−103
− 104
−10
−102
−103
MLD960
IC (mA)
VCEsat
(mV)
(1)
(3)
(2)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
PSS8550C IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD962
−10−1
−1
−10
IC (mA)
VBEsat
(mV)
−103
−102
−104
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
PSS8550C IC/IB = 10.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com