Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8345CLDX-2.5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345CLDX-2.5
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345CLDX-2.5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP8345CLDX-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP8345CLDX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Connection Diagrams
6-Pin LLP
FIXED OUTPUT VOLTAGE
20064804
Bottom View
6-Pin LLP
ADJUSTABLE OUTPUT VOLTAGE
20064806
Bottom View
Note: VIN Pins (Pin1&6) must be connected together externally for full 500mA operation (250mA max per pin).
VOUT Sense (Pin 5) must be connected to VOUT (Pin 4).
T0-252
20064805
Top View
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com