Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # QL4016
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button QL4016 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
Pin Descriptions
Ordering Information
Table 12: Pin Descriptions
Pin
Function
Description
TDI/RSI
Test Data In for JTAG /RAM init.
Serial Data In
Hold HIGH during normal operation. Connects to serial
PROM data in for RAM initialization. Connect to VCC if
unused.
TRSTB/RRO
Active low Reset for JTAG /RAM
init. reset out
Hold LOW during normal operation. Connects to serial
PROM reset for RAM initialization. Connect to GND if
unused.
TMS
Test Mode Select for JTAG
Hold HIGH during normal operation. Connect to VCC if
not used for JTAG.
TCK
Test Clock for JTAG
Hold HIGH or LOW during normal operation. Connect to
VCC or ground if not used for JTAG.
TDO/RCO
Test data out for JTAG /RAM init.
clock out
Connect to serial PROM clock for RAM initialization. Must
be left unconnected if not used for JTAG or RAM
initialization.
STM
Special Test Mode
Must be grounded during normal operation.
I/ACLK
High-drive input and/or array
network driver
Can be configured as either or both.
I/GCLK
High-drive input and/or global
network driver
Can be configured as either or both.
I
High-drive input
Use for input signals with high fanout.
I/O
Input/Output pin
Can be configured as an input and/or output.
V
CC
Power supply pin
Connect to 3.3V supply.
V
CCIO
Input voltage tolerance pin
Connect to 5.0V supply if 5V input tolerance is required,
otherwise connect to 3.3V supply.
GND
Ground pin
Connect to ground.
GND/THERM Ground/Thermal pin
Available on 456-PBGA only. Connect to ground plane on
PCB if heat sinking desired. Otherwise may be left
unconnected.
QL 4016 - 1 PF144 C
QuickLogic device
QuickRAM device
part number
Speed Grade
0 = Quick
1 = Fast
2 = Faster
3 = Faster
*4 = Wow
Operating Range
C = Commercial
I = Industrial
M = Military
Package Code
PL84 = 84-pin PLCC
PF100 = 100-pin TQFP
CF100 = 100-pin CQFP
PF144 = 144-pin TQFP
* Contact QuickLogic regarding availabliity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com