Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3913 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 47Page - Microchip Technology MCP3913 Datasheet HTML 48Page - Microchip Technology MCP3913 Datasheet HTML 49Page - Microchip Technology MCP3913 Datasheet HTML 50Page - Microchip Technology MCP3913 Datasheet HTML 51Page - Microchip Technology MCP3913 Datasheet HTML 52Page - Microchip Technology MCP3913 Datasheet HTML 53Page - Microchip Technology MCP3913 Datasheet HTML 54Page - Microchip Technology MCP3913 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 51
MCP3913
7.0
BASIC APPLICATION
RECOMMENDATIONS
7.1
Typical Application Examples
For power strip power metering applications, such as
the MCP3914 application referenced in Figure 7-1, it
can be used as a starting point for MCP3913
applications.The most common solution is to use one
channel for voltage measurement and the rest of the
channels for current measurement. Since all current
lines are at the same potential, shunts can be used as
current sensors, even if they do not provide any
galvanic isolation.
Since all channels are identical in the MCP3913, any
channel can be chosen as the voltage channel (prefer-
ably CH0 or CH5 since they are on the edges and can
lead to a cleaner layout).
FIGURE 7-1:
MCP3914 Power Strip Application Example Schematic (may be used as starting point
for MCP3913 applications).
For polyphase metering applications, such as three-
phase meters, it is recommended to use a current
sensor that provides galvanic isolations: current
transformers, Rogowski coils, Hall sensors, etc.
MCP3914
40LD UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com