Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3910A1-E/ML Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3910A1-E/ML
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/ML Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3910A1-E/ML Datasheet HTML 35Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 36Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 37Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 38Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 39Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 40Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 41Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 42Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 39
MCP3910
5.8
Hard Reset Effect on Delta-Sigma
Modulator/SINC Filter
In SPI mode, when the RESET pin is logic low, all
ADCs will be in Reset and output code 0x0000h. The
RESET pin performs a hard reset (DC biases are still
on, part is ready to convert) and clears all charges
contained in the delta-sigma modulators. The
comparators output is ‘0011’ for each ADC.
The sinc filters are all reset, as well as their double out-
put buffers. This pin is independent of the serial inter-
face. It brings all the registers to the default state. When
RESET is logic low, any write with the SPI interface will
be disabled and will have no effect. All output pins
(SDO, DR) are high-impedance.
If MCLK is applied, the input structure is enabled and is
properly biasing the substrate of the input transistors.
In this case, the leakage current on the analog inputs is
low if the analog input voltages are kept between -1V
and +1V.
If MCLK is not applied when in Reset mode, the
leakage can be high if the analog inputs are
below -0.6V, as referred to AGND.
5.9
Phase Delay Block
The MCP3910 incorporates a phase delay generator
which ensures that CH0 and CH1 ADC are converting
the two analog inputs with a fixed delay between them.
The two ADCs are synchronously sampling, but the
averaging of modulator outputs is delayed so that the
sinc filter outputs (thus the ADC outputs) show a fixed
phase delay, as determined by the PHASE register
setting. The odd channel (CH1) is the reference
channel for the phase delay for the CH0/1 pair, it sets
the time reference. Typically, this channel can be the
voltage channel for a single-phase energy metering
application. The even channel (CH0) is delayed,
compared to the time reference (CH1), by a fixed
amount of time defined in the PHASE register.
The PHASE register contains a 12-bit bank that
represent the delay between the two channels. This
phase value represents the delay of the even channel
with respect to the associated odd channel with a 11-bit
plus sign, MSB-first two's complement code. This code
indicates how many DMCLK periods there are between
each channel in the pair (see Equation 5-5). Since the
odd channel is the time reference, when PHASE<11:0>
is positive, the even channel of the pair is lagging and
the odd channel is leading. When PHASE<11:0> is
negative, the even channel of the pair is leading and
the odd channel is lagging.
EQUATION 5-5:
The timing resolution of the phase delay is 1/DMCLK or
1 µs in the default configuration with MCLK = 4 MHz.
Given the definition of DMCLK, the phase delay is
affected by a change in the prescaler settings
(PRE<1:0>) and the MCLK frequency.
The data ready signals are affected by the phase delay
settings. Typically, the time difference between the data
ready pulses of odd and even channels is equal to the
associated phase delay setting.
Each ADC conversion start and, therefore, each data
ready pulse is delayed by a timing of OSR/2 x DMCLK
periods (equal to half a DRCLK period). This timing
allows for the odd channel data ready signals to be
located at a fixed time reference (OSR/2 x DMCLK
periods from the reset), while the even channel can be
leading or lagging around this time reference with the
corresponding PHASE<11:0> delay value.
5.9.1
PHASE DELAY LIMITS
The limits of the phase delays are determined by the
OSR settings: the phase delays can only go from
-OSR/2 to +OSR/2-1 DMCLK periods.
If larger delays between the two channels are needed,
they can be implemented externally to the chip with an
MCU. A FIFO in the MCU can save incoming data from
the leading channel for a number N of DRCLK clocks.
In this case, DRCLK would represent the coarse timing
resolution, and DMCLK the fine timing resolution. The
total delay will then be equal to:
EQUATION 5-6:
Note:
For a detailed explanation of the data
ready pin behavior see Figure 5-9.
Note:
Rewriting the PHASE registers with the
same value automatically resets and
restarts all ADCs.
Total Delay
PHASE<11:0> Decimal Code
DMCLK
-------------------------------------------------------------------------------
=
Total Delay = N/DRCLK + PHASE/DMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com