Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511-E/MQ Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP39F511-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511-E/MQ Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP39F511-E/MQ Datasheet HTML 17Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 18Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 19Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 20Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 21Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 22Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 23Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 24Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 21
MCP39F511
4.7
Notation for Register Types
The following notation has been adopted for describing
the various registers used in the MCP39F511:
4.8
Single-Wire Transmission Mode
In Single-Wire Transmission mode, at the end of each
computation cycle, the device automatically transmits a
frame of power data. This allows for single-wire com-
munication after the device has been configured.
The single-wire transmission frame consists of
20 bytes: three Header Bytes, one Checksum and
16 bytes of power data (including RMS current, RMS
voltage, Active Power, Reactive Power and Line
Frequency).
TABLE 4-12:
SHORT-HAND NOTATION
FOR REGISTER TYPES
Notation
Description
u64
Unsigned, 64-bit register
u32
Unsigned, 32-bit register
s32
Signed, 32-bit register
u16
Unsigned, 16-bit register
s16
Signed, 16-bit register
b32
32-bit register containing discrete
Boolean bit settings
TABLE 4-13:
SINGLE-WIRE
TRANSMISSION FRAME
(Note 2)
#Byte
1
HEADERBYTE (0xAB)
2
HEADERBYTE2 (0xCD)
3
HEADERBYTE3 (0xEF)
4
CURRENT RMS – Byte 0
5
CURRENT RMS – Byte 1
6
CURRENT RMS – Byte 2
7
CURRENT RMS – Byte 3
8
VOLTAGE RMS – Byte 0
9
VOLTAGE RMS – Byte 1
10
ACTIVE POWER – Byte 0
11
ACTIVE POWER – Byte 1
12
ACTIVE POWER – Byte 2
13
ACTIVE POWER – Byte 3
14
REACTIVE POWER – Byte 0
15
REACTIVE POWER – Byte 1
16
REACTIVE POWER – Byte 2
17
REACTIVE POWER – Byte 3
18
LINE FREQUENCY – Byte 0
19
LINE FREQUENCY – Byte 1
20
CHECKSUM
2:
For custom single-wire transmission
packets, contact a Microchip sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com