Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7731FDW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FDW
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FDW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7731FDW Datasheet HTML 17Page - Texas Instruments ISO7731FDW Datasheet HTML 18Page - Texas Instruments ISO7731FDW Datasheet HTML 19Page - Texas Instruments ISO7731FDW Datasheet HTML 20Page - Texas Instruments ISO7731FDW Datasheet HTML 21Page - Texas Instruments ISO7731FDW Datasheet HTML 22Page - Texas Instruments ISO7731FDW Datasheet HTML 23Page - Texas Instruments ISO7731FDW Datasheet HTML 24Page - Texas Instruments ISO7731FDW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
OUTC
NC
OUTA
OUTB
INC
NC
GND2
VCC2
0.1 µF
2 mm max from VCC2
EN
GND2
NC
GND1
2 mm max from VCC1
GND1
0.1 µF
VCC1
Copyright © 2016, Texas Instruments Incorporated
21
ISO7730, ISO7731
www.ti.com
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 3.
Table 3. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO773x family of devices only requires two external bypass capacitors to operate. Figure 21 and Figure 22
show the typical circuit hook-up for the devices.
Figure 21. Typical ISO7730 Circuit Hook-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com