Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC7401 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC7401 Datasheet HTML 1Page - Micrel Semiconductor MIC7401 Datasheet HTML 2Page - Micrel Semiconductor MIC7401 Datasheet HTML 3Page - Micrel Semiconductor MIC7401 Datasheet HTML 4Page - Micrel Semiconductor MIC7401 Datasheet HTML 5Page - Micrel Semiconductor MIC7401 Datasheet HTML 6Page - Micrel Semiconductor MIC7401 Datasheet HTML 7Page - Micrel Semiconductor MIC7401 Datasheet HTML 8Page - Micrel Semiconductor MIC7401 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
2
Revision 1.0
Typical Application
Ordering Information
Part Number
Marking
Output Voltages
Features
Package
(1)
Lead
Finish
MIC7401YFL
7401
YWWS
1.8V, 1.1V, 1.8V
1.05V, 1.25V, 12V
STBY – Active Low
Falling Edge (DEFAULT)
36-Pin
4.5mm × 4.5mm FQFN
Pb-
Free
MIC7401-XXXXYFL
(2)
X
X 7401
X YYWW
X
Configurable
Configurable
36-Pin
4.5mm × 4.5mm FQFN
Pb-
Free
Notes:
1.
GREEN, RoHs-compliant package. Lead finish is Matte Tin. Mold compound is Halogen Free.
2.
Configurable options available upon request. Contact Marketing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com