Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBB Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 86 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 82Page - Texas Instruments OMAP3530ECBB Datasheet HTML 83Page - Texas Instruments OMAP3530ECBB Datasheet HTML 84Page - Texas Instruments OMAP3530ECBB Datasheet HTML 85Page - Texas Instruments OMAP3530ECBB Datasheet HTML 86Page - Texas Instruments OMAP3530ECBB Datasheet HTML 87Page - Texas Instruments OMAP3530ECBB Datasheet HTML 88Page - Texas Instruments OMAP3530ECBB Datasheet HTML 89Page - Texas Instruments OMAP3530ECBB Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
2.4
Multiplexing Characteristics
Table 2-4 provides a description of the OMAP3530/25 multiplexing on the CBB, CBC, and CUS packages,
respectively.
Note: The following does not take into account subsystem pin multiplexing options. Subsystem pin
multiplexing options are described in Section 2.5, Signal Description.
Table 2-4. Multiplexing Characteristics
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
D6
J2
NA
D1
D7
sdrc_d0
C6
J1
NA
G1
C5
sdrc_d1
B6
G2
NA
G2
C6
sdrc_d2
C8
G1
NA
E1
B5
sdrc_d3
C9
F2
NA
D2
D9
sdrc_d4
A7
F1
NA
E2
D10
sdrc_d5
B9
D2
NA
B3
C7
sdrc_d6
A9
D1
NA
B4
B7
sdrc_d7
C14
B13
NA
A10
B11
sdrc_d8
B14
A13
NA
B11
C12
sdrc_d9
C15
B14
NA
A11
B12
sdrc_d10
B16
A14
NA
B12
D13
sdrc_d11
D17
B16
NA
A16
C13
sdrc_d12
C17
A16
NA
A17
B14
sdrc_d13
B17
B19
NA
B17
A14
sdrc_d14
D18
A19
NA
B18
B15
sdrc_d15
D11
B3
NA
B7
C9
sdrc_d16
B10
A3
NA
A5
E12
sdrc_d17
C11
B5
NA
B6
B8
sdrc_d18
D12
A5
NA
A6
B9
sdrc_d19
C12
B8
NA
A8
C10
sdrc_d20
A11
A8
NA
B9
B10
sdrc_d21
B13
B9
NA
A9
D12
sdrc_d22
D14
A9
NA
B10
E13
sdrc_d23
C18
B21
NA
C21
E15
sdrc_d24
A19
A21
NA
D20
D15
sdrc_d25
B19
D22
NA
B19
C15
sdrc_d26
B20
D23
NA
C20
B16
sdrc_d27
D20
E22
NA
D21
C16
sdrc_d28
A21
E23
NA
E20
D16
sdrc_d29
B21
G22
NA
E21
B17
sdrc_d30
C21
G23
NA
G21
B18
sdrc_d31
H9
AB21
NA
AA18
C18
sdrc_ba0
H10
AC21
NA
V20
D18
sdrc_ba1
A4
N22
NA
G20
A4
sdrc_a0
B4
N23
NA
K20
B4
sdrc_a1
B3
P22
NA
J20
D6
sdrc_a2
C5
P23
NA
J21
B3
sdrc_a3
C4
R22
NA
U21
B2
sdrc_a4
D5
R23
NA
R20
C3
sdrc_a5
C3
T22
NA
M21
E3
sdrc_a6
C2
T23
NA
M20
F6
sdrc_a7
C1
U22
NA
N20
E10
sdrc_a8
D4
U23
NA
K21
E9
sdrc_a9
D3
V22
NA
Y16
E7
sdrc_a10
D2
V23
NA
N21
G6
sdrc_a11
D1
W22
NA
R21
G7
sdrc_a12
86
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com