Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM358N
Description  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM358N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM358N Datasheet HTML 1Page - National Semiconductor (TI) LM358N Datasheet HTML 2Page - National Semiconductor (TI) LM358N Datasheet HTML 3Page - National Semiconductor (TI) LM358N Datasheet HTML 4Page - National Semiconductor (TI) LM358N Datasheet HTML 5Page - National Semiconductor (TI) LM358N Datasheet HTML 6Page - National Semiconductor (TI) LM358N Datasheet HTML 7Page - National Semiconductor (TI) LM358N Datasheet HTML 8Page - National Semiconductor (TI) LM358N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Electrical Characteristics
V
+ = +5.0V, unless otherwise stated
Parameter
Conditions
LM358
LM2904
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 5) , T
A = 25˚C
2
7
2
7
mV
Input Bias Current
I
IN(+) or IIN(−),TA = 25˚C,
45
250
45
250
nA
V
CM = 0V, (Note 6)
Input Offset Current
I
IN(+) −IIN(−),VCM = 0V, TA = 25˚C
5
50
5
50
nA
Input Common-Mode
V
+ = 30V, (Note 7)
0
V
+−1.5
0
V
+−1.5
V
Voltage Range
(LM2904, V
+ = 26V), T
A = 25˚C
Supply Current
Over Full Temperature Range
R
L = ∞ on All Op Amps
V
+ = 30V (LM2904 V+ = 26V)
1
2
1
2
mA
V
+ = 5V
0.5
1.2
0.5
1.2
mA
Electrical Characteristics
V
+ = +5.0V, (Note 4), unless otherwise stated
Parameter
Conditions
LM158A
LM358A
LM158/LM258
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage
V
+ = 15V, T
A = 25˚C,
Gain
R
L
≥ 2kΩ, (For V
O = 1V
50
100
25
100
50
100
V/mV
to 11V)
Common-Mode
T
A = 25˚C,
70
85
65
85
70
85
dB
Rejection Ratio
V
CM = 0VtoV
+−1.5V
Power Supply
V
+ = 5Vto30V
Rejection Ratio
(LM2904, V
+ = 5V
65
100
65
100
65
100
dB
to 26V), T
A = 25˚C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, T
A = 25˚C
−120
−120
−120
dB
Coupling
(Input Referred), (Note 8)
Output Current
Source V
IN
+ = 1V,
20
40
20
40
20
40
mA
V
IN
− = 0V,
V
+ = 15V,
V
O = 2V, TA = 25˚C
Sink V
IN
− = 1V, V
IN
+ =0V
V
+ = 15V, T
A = 25˚C,
10
20
10
20
10
20
mA
V
O =2V
V
IN
− = 1V,
12
50
12
50
12
50
µA
V
IN
+ =0V
T
A = 25˚C, VO = 200 mV,
V
+ = 15V
Short Circuit to Ground
T
A = 25˚C, (Note 2),
40
60
40
60
40
60
mA
V
+ = 15V
Input Offset Voltage
(Note 5)
4
5
7
mV
Input Offset Voltage
R
S =0
Ω
7
15
7
20
7
µV/˚C
Drift
Input Offset Current
I
IN(+) −IIN(−)
30
75
100
nA
Input Offset Current
R
S =0
Ω
10
200
10
300
10
pA/˚C
Drift
Input Bias Current
I
IN(+) or IIN(−)
40
100
40
200
40
300
nA
Input Common-Mode
V
+ = 30 V, (Note 7)
0V
+−2
0
V
+−2
0
V
+−2
V
Voltage Range
(LM2904, V
+ = 26V)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com