Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV702_016 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV702_016
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV702_016 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV702_016 Datasheet HTML 4Page - Texas Instruments TLV702_016 Datasheet HTML 5Page - Texas Instruments TLV702_016 Datasheet HTML 6Page - Texas Instruments TLV702_016 Datasheet HTML 7Page - Texas Instruments TLV702_016 Datasheet HTML 8Page - Texas Instruments TLV702_016 Datasheet HTML 9Page - Texas Instruments TLV702_016 Datasheet HTML 10Page - Texas Instruments TLV702_016 Datasheet HTML 11Page - Texas Instruments TLV702_016 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
10
s/div
m
V
OUT
I
OUT
50mA
0mA
t =t =1
s
R
F
m
V
OUT =1.8V
10
s/div
m
V
OUT
300mA
0mA
t =t =
s
R
F
m
1
I
OUT
V
OUT =1.8V
10
s/div
m
V
OUT
I
OUT
200mA
0mA
t =t =1
s
R
F
m
V
OUT =1.8V
10
s/div
m
V
OUT
V
OUT =1.8V
I
OUT
10mA
0mA
t =t =1
s
R
F
m
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
80
70
60
50
40
30
20
10
0
10kHz
100kHz
1kHz
V
=1.8V
OUT
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
V
=1.8V
OUT
I
=10mA
C
=C
=1 F
OUT
IN
OUT
m
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 14. Output Spectral Noise Density vs Frequency
Figure 13. Power-Supply Ripple Rejection vs Input Voltage
Figure 15. Load Transient Response
Figure 16. Load Transient Response
Figure 17. Load Transient Response
Figure 18. Load Transient Response
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com