Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3233-EP Datasheet(PDF) 2 Page - Texas Instruments

Part # REF3233-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3233-EP Datasheet(HTML) 2 Page - Texas Instruments

  REF3233-EP Datasheet HTML 1Page - Texas Instruments REF3233-EP Datasheet HTML 2Page - Texas Instruments REF3233-EP Datasheet HTML 3Page - Texas Instruments REF3233-EP Datasheet HTML 4Page - Texas Instruments REF3233-EP Datasheet HTML 5Page - Texas Instruments REF3233-EP Datasheet HTML 6Page - Texas Instruments REF3233-EP Datasheet HTML 7Page - Texas Instruments REF3233-EP Datasheet HTML 8Page - Texas Instruments REF3233-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
www.ti.com
DESCRIPTION
The REF32xx is a very low drift, micropower, low-dropout, precision voltage reference family available in the tiny
SOT23-6 package.
The small size and low power consumption (120
μA max) of the REF32xx make it ideal for portable and
battery-powered applications. This reference is stable with most capacitive loads.
The REF32xx can be operated from a supply as low as 5 mV above the output voltage, under no load conditions.
All models are specified for the wide temperature range of
–55°C to 125°C.
AVAILABLE OUTPUT VOLTAGES
PRODUCT
VOLTAGE
REF3212
1.25 V
REF3220
2.048 V
REF3225
2.5 V
REF3230
3 V
REF3233
3.3 V
REF3240
4.096 V
Table 1. PACKAGE/ORDERING INFORMATION(1)
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
PACKAGE DESIGNATOR(2)
PACKAGE MARKING
REF3212AMDBVREP
1.25 V
SOT23-6
DBV
R3AM
REF3220AMDBVREP
2.048 V
SOT23-6
DBV
R3BM
REF3225AMDBVREP
2.5 V
SOT23-6
DBV
R3CM
REF3230AMDBVREP
3 V
SOT23-6
DBV
R3DM
REF3233AMDBVREP
3.3 V
SOT23-6
DBV
R3EM
REF3240AMDBVREP
4.096 V
SOT23-6
DBV
R3FM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com